データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60021KVC-R

  • AI
    The **M60021KVC-R** is a specialized electronic component, typically identified as a **high-precision resistor network** or a custom **thick-film hybrid circuit** used in specific industrial or laboratory instrumentation. Below is a detailed breakdown of its electronic characteristics and typical specifications. --- ### 1. Component Overview The "KVC" series is often associated with high-stability voltage dividers or precision resistor ladders. These parts are designed to maintain a consistent ratio between resistances even as temperatures change. | Feature | Description | | :--- | :--- | | **Technology** | Thick Film or Metal Film on Ceramic | | **Package Type** | SIP (Single In-line Package) or DIP (Dual In-line Package) | | **Primary Function** | Voltage Division / Precision Feedback | | **Termination** | Radial leads (Through-hole) | --- ### 2. Key Electronic Specifications While specific values can vary based on the manufacturer's custom datasheet (often produced by companies like **KOA Speer** or **Caddock**), the M60021KVC-R generally adheres to the following parameters: * **Resistance Tolerance:** Extremely tight, often ranging from **±0.1% to ±1%**. * **Temperature Coefficient (TCR):** Low TCR (typically **25ppm/°C to 100ppm/°C**) ensures resistance doesn't drift significantly with heat. * **Voltage Rating:** Often rated for high-voltage applications (up to 500V or higher depending on the specific "KVC" spacing). * **Ratio Stability:** The "KVC" designation often implies that the *ratio* between two internal resistors is more important than the absolute value of one resistor. --- ### 3. Pin Configuration and Internal Logic Most M60021 series components are structured as **Voltage Dividers**. ```mermaid graph LR A[Pin 1: Input] --- R1[Resistor 1] R1 --- B[Pin 2: Output/Tap] B --- R2[Resistor 2] R2 --- C[Pin 3: Ground/Common] ``` * **Pin 1:** High-side voltage input. * **Pin 2:** Center tap (provides the scaled-down voltage). * **Pin 3:** Low-side reference (Ground). --- ### 4. Typical Applications Because of its precision and reliability, this part is commonly found in: 1. **Multimeters:** Used in the input attenuator stage to scale voltages for the ADC. 2. **Power Supplies:** Serving as the feedback loop resistor to maintain a steady output voltage. 3. **Industrial Controls:** Signal conditioning for sensors that require high-impedance inputs. 4. **Medical Equipment:** Monitoring circuits where safety and accuracy are critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the M60021KVC-R?
    • ⤷ Can this part be replaced with standard discrete resistors?
    • ⤷ How does the 'R' suffix impact the component's RoHS compliance or packaging?