データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60022GFD-R

  • AI
    The **M60022GFD-R** is an integrated circuit (IC) primarily associated with specialized power management or signal processing, often utilized in automotive or industrial electronics. Based on standard nomenclature for this series, it is typically an **LDO (Low Dropout) Voltage Regulator** or a **System-on-Chip (SoC) peripheral controller** manufactured by Renesas (formerly Mitsubishi Electric). --- ### 1. Key Technical Specifications Below is a summary of the typical characteristics found in the M60022 series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Function** | Voltage Regulation / Power Control | | **Package Type** | GFD (Small Outline Package / Custom Molded) | | **Output Type** | Fixed or Adjustable (depending on sub-variant) | | **Mounting Type** | Surface Mount (SMD) | | **Lead Status** | RoHS Compliant (indicated by -R suffix) | --- ### 2. Electronic Architecture The "parts" or internal functional blocks of the M60022GFD-R generally consist of: * **Error Amplifier:** Monitors the output voltage against an internal reference to maintain stability. * **Pass Transistor:** Usually a P-channel MOSFET or PNP transistor that handles the current flow from input to output. * **Thermal Shutdown Circuitry:** Protects the chip from overheating by shutting down the output if temperatures exceed safety thresholds. * **Current Limit Protection:** Prevents damage during a short circuit or over-current event. * **Reference Voltage Source:** A high-precision internal bandgap reference. --- ### 3. Application Areas This specific part is frequently found in high-reliability environments: 1. **Automotive ECU (Engine Control Units):** Providing stable power to microcontrollers. 2. **Infotainment Systems:** Filtering noise from the car's power bus to supply clean energy to audio processors. 3. **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules for sensor excitation. --- ### 4. Deciphering the Part Number * **M60022:** The base model/series number defining the electrical characteristics. * **GFD:** The package code (Physical dimensions and pin layout). * **-R:** Typically denotes "Tape & Reel" packaging for automated assembly lines or RoHS compliance. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the GFD package?
    • ⤷ What is the maximum input voltage rating for the M60022GFD-R?
    • ⤷ Are there direct equivalents or crosses for this Renesas part?