データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60022JVC-R

  • AI
    The **M60022JVC-R** is a specialized Integrated Circuit (IC) primarily manufactured by **Mitsubishi Electric** (often found in collaboration or specific branding for Renesas). It is categorized as a high-integration system chip, commonly utilized in automotive electronics and optical drive control systems (such as CD/DVD players). --- ## 1. Technical Specifications Overview The M60022 series is typically designed as a **Servo Signal Processor** or a **Motor Driver Controller**. Below are the generalized specifications for this component class: | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / System-on-Chip (SoC) | | **Package Type** | QFP (Quad Flat Package) - usually 64 or 80 pins | | **Main Function** | Servo Control / Signal Processing | | **Technology** | CMOS | | **Operating Voltage** | Typically 3.3V to 5.0V | | **Applications** | Car Audio, DVD-ROM, Optical Disk Drives | --- ## 2. Core Electronic Functions The "JVC-R" suffix often denotes a specific mask ROM or firmware configuration tailored for **JVC (Victor Company of Japan)** hardware standards. Key internal blocks include: ### A. Servo Control System * **Focus & Tracking:** Manages the actuators that move the laser lens to keep the data stream in focus. * **Sled Control:** Controls the motor that moves the entire optical pickup assembly across the disc. * **Spindle Control:** Maintains constant linear velocity (CLV) or constant angular velocity (CAV) for the disc motor. ### B. Signal Processing * **RF Signal Amplification:** Processes the raw weak signals returning from the photodiode. * **Error Correction:** Handles preliminary digital error correction to ensure data integrity before it reaches the DAC (Digital-to-Analog Converter). ### C. Interface Protocols * Communicates with the main system microcontroller via **I2C** or a proprietary **Serial Interface**. * Synchronizes with the system clock (XTAL) for precise timing of the bitstream. --- ## 3. Typical Pin Configuration While specific pinouts vary by exact revision, the QFP package generally follows this architecture: 1. **Vcc/VDD:** Power supply pins (filtered by decoupling capacitors). 2. **GND/VSS:** Grounding pins for noise reduction. 3. **FIN/TIN:** Focus and Tracking Input signals from the optical pickup. 4. **PWM Outputs:** Pulse Width Modulation signals sent to the power driver IC to move the motors. 5. **CLK/DATA:** Communication lines for the host processor. --- ## 4. Maintenance and Replacement Notes * **ESD Sensitivity:** Like most CMOS chips, the M60022JVC-R is highly sensitive to Electrostatic Discharge. Handling requires an anti-static wrist strap. * **Discontinuation:** This part is largely considered "Legacy." Finding replacements often requires sourcing from specialized electronic component distributors or harvesting from "donor" JVC head units. * **Soldering:** Due to the fine pitch of the QFP pins, replacement requires a hot-air rework station or fine-tip soldering iron with high-quality flux.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the M60022JVC-R in car audio systems?
    • ⤷ Can this IC be replaced by a generic M60022 version without the JVC-R suffix?
    • ⤷ Which power driver IC is most commonly paired with this controller?