データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60022JVK-R

  • AI
    The **M60022JVK-R** is a specialized high-density power module, typically identified as a **DC-DC Step-Down (Buck) Converter** or a multi-chip power module. These components are frequently used in industrial automation, telecommunications, and high-end consumer electronics where space is limited but power requirements are high. --- ### 1. Key Technical Specifications While specific parameters can vary slightly by manufacturer (often associated with brands like Mitsubishi or custom power IC providers), the general architecture follows these specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Integrated DC-DC Power Module | | **Input Voltage Range** | Typically 4.5V to 20V (Application dependent) | | **Output Current** | High-density output (often 2A - 6A range) | | **Package Type** | Surface Mount (SMD) / High-density LGA or QFN | | **Efficiency** | >90% at peak loads | | **Protection Features** | Over-current, Over-voltage, Thermal Shutdown | --- ### 2. Internal Electronic Architecture The "R" suffix usually denotes "RoHS compliant" or "Tape & Reel" packaging for automated assembly. Internally, the module integrates several discrete components into one package: 1. **Switching Controller:** The "brain" that regulates the pulse width modulation (PWM) to maintain a steady output voltage. 2. **Power MOSFETs:** Integrated High-side and Low-side transistors that perform the actual high-speed switching. 3. **Inductor (Integrated):** Unlike standard ICs, modules like the M60022 series often include the power inductor inside the casing to reduce Electromagnetic Interference (EMI) and save PCB space. 4. **Feedback Network:** Precision resistors and capacitors to stabilize the voltage loop. --- ### 3. Application Areas Because of its high integration, the M60022JVK-R is used in environments where "Point of Load" (POL) regulation is critical: * **FPGA/DSP Powering:** Providing clean, low-ripple power to sensitive processors. * **Embedded Systems:** Industrial motherboards where vertical space is restricted. * **Networking Gear:** Routers and switches requiring high efficiency to minimize heat dissipation. --- ### 4. Advantages & Disadvantages #### Advantages * **Compact Footprint:** Combines 5-10 discrete components into one. * **Simplified Design:** Engineers do not need to perform complex inductor selection or layout optimization for EMI. * **Thermal Efficiency:** The package is designed to dissipate heat through the PCB ground plane effectively. #### Disadvantages * **Cost:** Power modules are generally more expensive than buying discrete ICs and inductors separately. * **Repairability:** If one internal component fails, the entire module must be replaced.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M60022JVK-R?
    • ⤷ Which manufacturers produce equivalents to this power module?
    • ⤷ What is the maximum operating temperature for this specific part?