M60028GFK-R
AI

The **M60028GFK-R** is a specialized semiconductor component, typically identified as a **High-Voltage Rectifier Diode** or a Power Module component often utilized in industrial microwave systems (like those manufactured by Richardson Electronics or Micro-Power).
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
This component is designed to handle high-frequency and high-voltage rectification tasks.
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Component Type** | High Voltage Rectifier Diode |
| **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 8,000V - 12,000V (depending on series) |
| **Average Forward Current ($I_{F(AV)}$)** | ~350mA to 500mA |
| **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (< 150ns - 300ns) |
| **Package Type** | Axial Lead or Molded Cylindrical |
| **Operating Temperature** | -55°C to +150°C |
---
## 2. Key Electronic Features
### A. High Voltage Threshold
The primary function of the M60028GFK-R is to allow current to flow in one direction while blocking thousands of volts in the opposite direction. This is critical in power supply circuits for magnetrons.
### B. Fast Recovery Characteristics
Unlike standard power diodes, "Fast Recovery" diodes like this one can switch from a conducting state to a blocking state very quickly. This reduces power loss and heat generation when used in high-frequency switching power supplies.
### C. Avalanche Ruggedness
The "GFK" designation often implies internal construction that can withstand "avalanche" conditions—brief periods where the voltage exceeds the rated limit—without immediate catastrophic failure.
---
## 3. Typical Applications
The M60028GFK-R is commonly found in the following electronic environments:
* **Industrial Microwave Power Supplies:** Used to rectify the high voltage required to drive Magnetrons.
* **X-Ray Power Generators:** Found in the voltage multiplier stages.
* **High Voltage DC Power Supplies:** Used in electrostatic precipitators or laboratory high-voltage equipment.
* **Laser Power Sources:** Providing stable DC current for gas lasers.
---
## 4. Identification & Substitutes
The "R" suffix often denotes **RoHS Compliance** (Restriction of Hazardous Substances), indicating the part is lead-free.
### Cross-Reference Table
| Manufacturer | Potential Equivalent / Series |
| :--- | :--- |
| **HVCA** | UX-FOB Series |
| **Semtech** | SCH Series |
| **EDI** | High Voltage Lead Type |
---
- ⤷
What is the exact Peak Reverse Voltage rating for the M60028GFK-R?
- ⤷ Is this diode compatible with standard household microwave ovens or industrial units only?
- ⤷ What are the common failure modes for high-voltage rectifiers in this series?