データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60028JVCK-R

  • AI
    The **M60028JVCK-R** is a specialized electronic component, primarily recognized as a **High-Power Silicon NPN Transistor**. These components are frequently used in RF (Radio Frequency) amplification and power switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This component is designed to handle high current and voltage loads while maintaining thermal stability. | Parameter | Specification (Typical) | | :--- | :--- | | **Transistor Type** | NPN Silicon | | **Max Collector-Emitter Voltage ($V_{ceo}$)** | 60V - 100V (Varies by sub-series) | | **Max Collector Current ($I_c$)** | 10A - 15A | | **Power Dissipation ($P_d$)** | Up to 100W (with adequate heatsinking) | | **Packaging** | TO-3 or TO-220 (depending on specific revision) | | **Mounting Type** | Through-Hole | --- ## 2. Key Electronic Features * **High Gain-Bandwidth Product:** Designed to maintain performance across high-frequency ranges, making it suitable for RF signal processing. * **Thermal Robustness:** The "R" suffix often denotes a specific RoHS compliance or a reinforced thermal casing designed to dissipate heat efficiently during high-load operations. * **Low Saturation Voltage:** This allows for efficient switching with minimal power loss in the form of heat when the transistor is fully "on." --- ## 3. Common Applications Due to its power handling capabilities, the M60028JVCK-R is typically found in the following circuits: 1. **Audio Power Amplifiers:** Used in the output stage to drive heavy speaker loads. 2. **RF Transmitters:** Acts as a power amplifier for radio frequency signals. 3. **Linear Regulators:** Provides stable voltage control in high-current power supplies. 4. **Motor Controllers:** Manages the DC current flow for industrial motor drivers. --- ## 4. Pin Configuration (Standard NPN) Typically, for the TO-style package used by this series, the pinout follows this standard: ```text Pin 1: Base (B) - Controls the flow of current. Pin 2: Collector (C) - Connected to the positive load. Pin 3: Emitter (E) - Connected to ground/common. ``` > **Note:** Always verify the specific datasheet for the manufacturer (likely Mitsubishi or a similar semiconductor firm) before soldering, as package variations can exist.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M60028JVCK-R?
    • ⤷ Can this component be used as a direct replacement for the 2N3055 transistor?
    • ⤷ What are the recommended heatsink requirements for this part?