データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60028KFD-R

  • AI
    The **M60028KFD-R** is an integrated circuit, typically belonging to the family of **High-Side Power Switches** or **Intelligent Power Devices (IPDs)**, often manufactured by companies like Renesas or associated with specific automotive/industrial power management applications. Below is a detailed breakdown of its electronic characteristics and functional blocks. --- ## 1. Core Specifications and Type The M60028KFD-R is designed to control high-current loads while providing internal protection mechanisms. It acts as a bridge between low-power control logic (like a Microcontroller) and high-power actuators. | Feature | Description | | :--- | :--- | | **Component Type** | N-Channel MOSFET High-Side Switch | | **Primary Function** | Power Distribution & Load Management | | **Package Type** | SOP-8 or similar Power-enhanced surface mount | | **Application** | Automotive Body Electronics, Industrial Solenoids, DC Motors | --- ## 2. Key Internal Electronic Parts The internal architecture of the M60028KFD-R consists of several critical stages: ### A. Power MOSFET Stage The heart of the chip is a low on-resistance (**$R_{DS(on)}$**) N-channel MOSFET. This allows the device to switch high currents while generating minimal heat. ### B. Charge Pump Since it is a High-Side Switch, the Gate voltage must be higher than the Source voltage (which is connected to the Supply). The internal **Charge Pump** boosts the input voltage to ensure the internal N-channel MOSFET stays fully saturated. ### C. Logic Interface The input pin is typically **TTL/CMOS compatible**, allowing it to be driven directly by a 3.3V or 5V MCU without the need for external buffer transistors. --- ## 3. Protection & Diagnostic Features The "Intelligent" part of this IC comes from its diagnostic feedback. It protects itself and the load from the following conditions: * **Over-Temperature Shutdown:** The IC monitors its own junction temperature. If it exceeds a threshold (typically $150^\circ C$), it automatically shuts down to prevent permanent damage. * **Current Limiting:** If the load draws current beyond the rated capacity (Short Circuit), the IC limits the output current. * **Over-Voltage Protection:** Protects the internal circuitry from voltage spikes common in automotive environments (Load Dump). * **Open-Load Detection:** Can detect if the bulb or motor is disconnected while in the "ON" state. --- ## 4. Pinout Logic (General Representation) While specific pinouts should be verified via the manufacturer datasheet, these devices generally follow this structure: | Pin | Name | Function | | :--- | :--- | :--- | | **1** | **GND** | Ground reference for internal logic | | **2** | **IN** | Logic input (High = ON, Low = OFF) | | **3** | **Vcc** | Power Supply Input (Source of load current) | | **4** | **ST / DIAG** | Status output for diagnostics (Error flag) | | **5-8** | **OUT** | Output pins to the load (connected to the MOSFET Drain/Source) | --- ## 5. Typical Application Circuit ```cpp // Logic flow for M60028KFD-R [MCU GPIO] ----> [IN Pin] [Battery +] ----> [Vcc Pin] [OUT Pin] ----> [DC Motor/Solenoid] ----> [Ground] [ST Pin] ----> [MCU Interrupt/Analog Pin] (Monitoring) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Amperes) for the M60028KFD-R?
    • ⤷ How do I interpret the 'ST' diagnostic pin signals during a fault?
    • ⤷ Are there equivalent replacement parts for the M60028KFD-R in automotive applications?