データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60028LFD-R

  • AI
    The **M60028LFD-R** is a specific integrated circuit (IC) part number, typically associated with specialized power management or signal conditioning, often manufactured by companies like Renesas or Mitsumi. Below is a breakdown of the electronic characteristics and technical specifications typical for this component. --- ### 1. General Overview The M60028 series generally refers to **Reset ICs (Voltage Detectors)**. These are critical safety components used to monitor power supply voltages in digital systems (like microcontrollers) to ensure they do not operate under unstable power conditions. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Detector / Reset IC | | **Detection Voltage** | Fixed threshold (determined by the specific suffix) | | **Output Type** | CMOS or Open Drain (Commonly Open Drain) | | **Package Type** | SOT-25 / SC-74A (Small Outline Transistor) | | **Low Power Consumption** | Typically in the microamp ($\mu A$) range | | **Mounting Type** | Surface Mount (SMD/SMT) | ### 3. Key Electronic Functions * **Voltage Monitoring:** The IC continuously monitors the $V_{CC}$ line. If the voltage drops below a pre-defined threshold, the device triggers a reset signal. * **Reset Delay:** Often includes a built-in delay circuit (using an internal or external capacitor) to ensure the system stays in reset until the power is fully stable. * **Hysteresis:** It includes a small "hysteresis" voltage to prevent "chatter" (rapid switching) when the input voltage is hovering right at the threshold level. ### 4. Pin Configuration (Typical SOT-25) Most ICs in this family follow a standard pinout structure: 1. **Vout:** The reset output signal sent to the CPU/MCU. 2. **Vdd:** The power supply input/monitoring pin. 3. **Vss:** Ground (GND). 4. **NC/Cd:** No connect or connection for a delay capacitor. 5. **NC:** No connection. ### 5. Application Areas * **Consumer Electronics:** Smart TVs, set-top boxes, and audio equipment. * **Computing:** Monitoring the 3.3V or 5V rails on motherboards. * **Industrial:** Ensuring PLCs or sensors do not malfunction during brownouts. --- ### Summary Table: M60028LFD-R Decoding | Part Segment | Meaning | | :--- | :--- | | **M60028** | Series Identifier (Voltage Detector) | | **L** | Detection Voltage Code (Specific to manufacturer table) | | **FD** | Package Code (e.g., SOT-25) | | **R** | Taping/Reel Direction (Packaging format) |
    ✨ Follow-up Questions
    • ⤷ What is the specific detection voltage for the 'L' version of this IC?
    • ⤷ Can this IC be used with both 3.3V and 5V logic systems?
    • ⤷ How do I calculate the reset delay time for this specific model?