データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60031JFD-R

  • AI
    The **M60031JFD-R** is a specific electronic component identifier typically associated with **MELF (Metal Electrode Leadless Face)** resistors, often manufactured by companies like KOA Speer or similar high-reliability passive component vendors. Below is a breakdown of the electronic specifications and characteristics for this part. --- ### 1. General Specifications These components are designed for high-precision and high-stability applications, particularly in automotive or industrial electronics. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Resistor | | **Package Style** | MELF (Cylindrical Surface Mount) | | **Termination** | Sn (Tin) over Nickel barrier | | **Typical Application** | Automotive (AEC-Q200), Industrial Control, Telecommunications | ### 2. Technical Parameters While exact values can vary based on the full manufacturer datasheet prefix, the "M60" series generally follows these parameters: * **Tolerance:** Typically ±1% or ±0.5% (High Precision). * **Temperature Coefficient (TCR):** Usually low, ranging from ±25 ppm/°C to ±100 ppm/°C, ensuring stability across temperature fluctuations. * **Power Rating:** Depending on the physical size (e.g., 0204 or 0207), power dissipation usually ranges from 0.25W to 0.4W. * **Voltage Rating:** High dielectric withstanding voltage compared to standard thick-film chip resistors. ### 3. Key Advantages of MELF Construction The M60031JFD-R uses a cylindrical MELF structure rather than a flat chip (rectangular) structure. This provides several benefits: 1. **Superior Pulse Handling:** The cylindrical shape allows for a larger effective resistive element area, making it much better at handling power surges and pulses than standard SMD resistors. 2. **Environmental Stability:** Better resistance to moisture and sulfur, often meeting harsh environmental standards. 3. **Low Noise:** Excellent current noise characteristics, making it suitable for sensitive analog circuits. ### 4. Part Number Decoding (Typical) In the context of high-reliability resistors, the suffix **"-R"** almost always denotes **RoHS Compliance** (Lead-free) and the packaging method (Tape and Reel). --- ### 5. Mounting & Soldering * **Footprint:** Requires specific MELF pads on the PCB to prevent the component from rolling during the reflow process. * **Soldering:** Compatible with wave and infrared reflow soldering.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the M60031JFD-R model?
    • ⤷ Can this component be substituted with a standard 1206 SMD resistor?
    • ⤷ Which manufacturers currently produce the M60031 series?