データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60031KFCK-R

  • AI
    The **M60031KFCK-R** refers to a high-precision, current-sensing resistor component. These are typically surface-mount devices (SMD) used for power management and feedback loops in electronic circuits. --- ### ## Technical Specifications Below is a breakdown of the typical electronic characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor | | **Resistance Value** | Defined by the "K" code (often 1mΩ to 100mΩ range) | | **Tolerance** | ±1% (denoted by 'F') | | **Power Rating** | 1W to 3W (Depending on package size) | | **Package Size** | 2512 (Metric 6432) or similar | | **Temperature Coefficient** | ±50ppm/°C to ±100ppm/°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### ## Key Electronic Features 1. **Metal Plate Construction**: Unlike standard thick-film resistors, these are usually made from a solid metal alloy. This allows for very low resistance values and high heat dissipation capabilities. 2. **Low Inductance**: The physical structure is designed to minimize parasitic inductance, which is critical for high-frequency switching power supplies. 3. **Current Sensing Accuracy**: The "F" in the part number indicates a **1% tolerance**, which provides the precision necessary for microcontroller-based battery management systems (BMS) to calculate current flow accurately. 4. **AEC-Q200 Compliance**: Many resistors in this specific series are automotive grade, meaning they can withstand high vibration and significant thermal cycling. --- ### ## Typical Applications * **DC-DC Converters**: Used to monitor output current for overcurrent protection. * **Battery Management Systems (BMS)**: Measures charge and discharge rates in Li-ion packs. * **Motor Control**: Provides feedback to the inverter to regulate motor torque. * **Power Supplies**: Acts as a shunt resistor for voltage regulation loops. --- ### ## Symbol and Footprint Representation In PCB design software (like Altium or KiCad), the part is represented as: ```c // Schematic Symbol: // [ Terminal 1 ] --- [ Resistor Element ] --- [ Terminal 2 ] // (Low Ohmic Value) // Layout Footprint: 2512 (6.3mm x 3.2mm) // Ensure large copper pours to act as a heat sink. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the 'K' variant in this series?
    • ⤷ How should I design the PCB pads to ensure accurate current sensing?
    • ⤷ What are the thermal derating curves for this specific power rating?