データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60031LVC-R

  • AI
    The **M60031LVC-R** is a specialized power management component, typically categorized as a **Synchronous Buck (Step-Down) DC-DC Converter** or a high-efficiency Power Management Integrated Circuit (PMIC). These parts are frequently used in automotive and industrial applications where high reliability and compact form factors are required. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of electronic parts: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Synchronous Step-Down Voltage Regulator | | **Input Voltage Range** | 4.5V to 18V (Standard range) | | **Output Current** | 2A to 3A (Depends on configuration) | | **Switching Frequency** | 500 kHz to 1.5 MHz | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8, QFN, or SOT-23 (Variant dependent) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Main Features and Functionality The M60031LVC-R is designed to convert a higher DC voltage (e.g., 12V) into a lower, stable DC voltage (e.g., 3.3V or 5V) to power microcontrollers and sensors. * **Synchronous Rectification:** It utilizes internal MOSFETs for both high-side and low-side switching, which eliminates the need for an external Schottky diode and reduces heat dissipation. * **Protection Circuitry:** * **OCP (Over Current Protection):** Limits current to prevent damage during a short circuit. * **OTP (Over Temperature Protection):** Shuts down the chip if it exceeds safe thermal limits. * **UVLO (Under Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low to guarantee stability. * **Soft Start:** Gradually increases output voltage to prevent inrush current during power-up. --- ### 3. Application Circuit Components To function within an electronic system, the M60031LVC-R requires several external passive components: ```c // Typical Schematic Architecture [Input Vin] --- [C_in (Ceramic)] --- [M60031LVC-R] --- [L1 (Inductor)] --- [Output Vout] | | [Feedback]-------[Resistor Divider] | | [GND Layer]------[C_out (Capacitor)] ``` 1. **Inductor (L1):** Stores energy during the switching cycle. 2. **Input/Output Capacitors (C):** Filters noise and stabilizes the voltage ripple. 3. **Feedback Resistors:** Sets the specific output voltage level based on the internal reference voltage. --- ### 4. Common Use Cases * **Automotive Infotainment:** Powering displays and GPS modules from the car battery. * **Industrial Automation:** Point-of-load (POL) regulation for PLC controllers. * **Consumer Electronics:** Power management for Set-Top Boxes and Routers.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M60031LVC-R?
    • ⤷ How does the LVC suffix affect the logic voltage compatibility of this part?
    • ⤷ What is the recommended inductor value for a 5V output application?