データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60032GFC-R

  • AI
    The **M60032GFC-R** is an integrated circuit, typically associated with specialized automotive or industrial control modules. Based on technical specifications for this series (often produced by Renesas/NEC), it belongs to a family of microcontrollers or ASICs designed for high-reliability environments. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics of the M60032 series: | Feature | Specification | | :--- | :--- | | **Package Type** | QFP (Quad Flat Package) / BGA | | **Core Architecture** | RISC-based (typically 16/32-bit) | | **Voltage Range** | 3.3V to 5.0V | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Mounting Type** | Surface Mount (SMD) | | **Lead Status** | RoHS Compliant (indicated by -R suffix) | --- ### 2. Core Electronic Components & Architecture The internal structure of the M60032GFC-R consists of several critical functional blocks: #### A. CPU and Memory * **Processor Core:** Designed for real-time processing of sensor data. * **Flash Memory:** Internal non-volatile memory for storing firmware and instruction sets. * **RAM:** Static RAM used for temporary data buffering during calculations. #### B. Peripheral Interfaces * **CAN Bus Controller:** Essential for automotive communication protocols. * **A/D Converters (ADC):** Translates analog signals from sensors (temperature, pressure) into digital data. * **PWM Channels:** Used for controlling motors, actuators, or lighting brightness. #### C. Reliability Features * **Watchdog Timer (WDT):** Automatically resets the system if a software hang occurs. * **Voltage Detectors:** Monitors for brown-out conditions to prevent data corruption. --- ### 3. Common Applications Due to its robust design, this part is frequently found in: 1. **Automotive ECUs:** Engine Control Units or Body Control Modules. 2. **Industrial Automation:** PLCs (Programmable Logic Controllers). 3. **Power Electronics:** Management systems for battery or power distribution. --- ### 4. Part Number Breakdown (Typical) * **M60032:** The base model/series identifier. * **GF:** Refers to the specific package code (often plastic QFP). * **C:** Grade or revision level. * **-R:** Indicates **RoHS compliance** (lead-free) or **Tape & Reel** packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M60032GFC-R?
    • ⤷ Which manufacturers currently produce the M60032GFC-R?
    • ⤷ What are the direct equivalents or cross-references for this IC?