データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60032GFCK-R

  • AI
    Based on the part number provided, the **M60032GFCK-R** refers to a high-capacity **2.5-inch Solid State Drive (SSD)** from the **Micron 600 series** (specifically the 600 Pro or similar enterprise-grade variants). Below is the technical breakdown of its electronic components and specifications. --- ### 1. General Specifications The device is an Enterprise SATA SSD designed for read-intensive workloads and data center environments. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Micron Technology | | **Form Factor** | 2.5-inch (7mm) | | **Interface** | SATA 6Gb/s (SATA III) | | **Capacity** | 32GB (Typically used as a boot drive or cache) | | **NAND Type** | MLC (Multi-Level Cell) | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) consists of several critical ICs (Integrated Circuits): #### A. The Controller * **Function:** The "brain" of the SSD. It handles Wear Leveling, Error Correction Code (ECC), and Bad Block Management. * **Technology:** Usually utilizes a Marvell or proprietary Micron controller optimized for enterprise stability. #### B. NAND Flash Memory * **Part:** Micron 20nm (or similar) MLC NAND. * **Role:** Non-volatile storage where data is physically kept. MLC provides a balance between the high endurance of SLC and the high density of TLC. #### C. DRAM Cache * **Role:** High-speed volatile memory used to store the "Mapping Table" (Logical-to-Physical address translation). * **Benefit:** Reduces latency and improves random write performance. #### D. Power Management (PMIC) * **Protection:** Enterprise SSDs often include **Power Loss Protection (PLP)**. * **Capacitors:** The board features discrete capacitors that provide enough residual energy to flush the DRAM cache to the NAND if power is suddenly cut. --- ### 3. Performance Metrics Despite the small capacity (32GB), these units were engineered for reliability over raw speed. | Metric | Estimated Value | | :--- | :--- | | **Sequential Read** | Up to 500 MB/s | | **Sequential Write** | Up to 400 MB/s | | **MTBF** | 1.5 Million Hours | | **Endurance** | High TBW (Total Bytes Written) compared to consumer drives | --- ### 4. Part Number Decoder Micron part numbers are highly structured: * **M600:** The Series family. * **32G:** 32 Gigabytes capacity. * **F:** Form factor/Interface designation. * **CK:** Customer/Specific configuration code. * **-R:** Usually denotes "Retail" or "RoHS" compliant packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Amperage) for this SSD?
    • ⤷ Does this model support TCG Opal hardware encryption?
    • ⤷ How does MLC NAND endurance compare to modern TLC or QLC drives?