データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60032JVCK-R

  • AI
    The **M60032JVCK-R** (often categorized under the M60032 series) is a specialized integrated circuit, typically a high-speed CMOS gate array or a custom logic controller produced by **Renesas Electronics** (formerly Mitsubishi Electric). Below is a breakdown of the electronic specifications and characteristics associated with this part series. --- ### 1. General Specifications The M60032 series belongs to the **M60000 family** of Gate Arrays. These are designed for high-density logic integration with low power consumption. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Renesas Electronics (Mitsubishi) | | **Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Package Type** | QFP (Quad Flat Package) or JLCC (J-Leaded Chip Carrier) | | **Pin Count** | Variable (often 44, 64, or 80 depending on sub-code) | | **Logic Density** | Medium-scale integration | | **Operating Voltage** | Typically 3.3V or 5.0V (Standard CMOS levels) | --- ### 2. Key Internal Components The internal architecture of the M60032 series focuses on high-speed signal processing. * **Logic Cells:** Arrays of NAND/NOR gates that are mask-programmed to perform specific functions (e.g., address decoding, bus control). * **I/O Buffers:** High-drive capability pins to interface with external memory (SRAM/DRAM) or peripheral processors. * **Clock Trees:** Optimized paths to minimize skew across the chip, ensuring synchronous operation. --- ### 3. Common Applications Parts like the M60032JVCK-R are rarely general-purpose; they are usually found in: 1. **Industrial Controllers:** Handling I/O multiplexing for PLCs. 2. **Legacy Computing:** Serving as bus bridge chips or specialized memory controllers. 3. **Automotive Electronics:** Used in early-generation ECU (Engine Control Unit) logic management. 4. **Consumer Electronics:** Found in high-end audio/visual equipment for signal routing. --- ### 4. Technical Identification (Suffix Deciphering) While specific "JVCK-R" documentation is proprietary to the OEM (Original Equipment Manufacturer), the suffixes generally indicate: * **JV:** Package style (often indicates a specific plastic QFP variation). * **CK:** Speed grade or temperature range (Commercial vs. Industrial). * **-R:** RoHS compliance (Lead-free) or Tape & Reel packaging. --- ### 5. Replacement and Sourcing Since this is a specialized gate array, it is often "Mask-Programmed." This means: * **Direct Replacement:** You cannot replace it with a generic chip. You must find the exact part number with the identical suffix, as the internal logic is "burned" into the silicon during manufacturing. * **Modern Equivalents:** If designing a new circuit, these are typically replaced by **FPGAs** (Field Programmable Gate Arrays) or **CPLDs** (Complex Programmable Logic Devices). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M60032JVCK-R?
    • ⤷ Can this chip be reprogrammed like an FPGA?
    • ⤷ What are the typical failure symptoms for this CMOS gate array?