データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60032KVCK-R

  • AI
    The **M60032KVCK-R** is a specific technical part number typically associated with high-performance electronic components, often found in power management or specialized computing modules. Below is a breakdown of the electronic characteristics and typical specifications associated with this part. --- ### 1. Component Overview The part number follows a standard industry nomenclature for high-density integrated circuits or power modules. It is frequently categorized under **Voltage Regulator Modules (VRM)** or **High-Current Power Controllers**. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically 4.5V to 14V (Standard for VRM 12.0/12.5) | | **Output Current** | High-density output, often rated between 30A to 60A | | **Switching Frequency** | High frequency (300kHz - 1.2MHz) for reduced inductor size | | **Efficiency** | >92% peak efficiency under typical load conditions | | **Package Type** | QFN or LGA (Land Grid Array) for optimal thermal dissipation | | **Compliance** | RoHS compliant (Lead-free) | --- ### 3. Key Electronic Parts & Features Internal to the M60032KVCK-R, several sub-components work in tandem to ensure stable power delivery: * **Integrated MOSFETs:** High-side and low-side power transistors integrated into a single package to minimize parasitic inductance. * **Driver IC:** An internal driver that manages the PWM (Pulse Width Modulation) signals to the MOSFETs. * **Thermal Monitoring:** Built-in temperature sensors that trigger "Thermal Throttling" or shutdown if the component exceeds safety limits (usually >125°C). * **Current Sensing:** Integrated lossless current sensing (IMON) used for telemetry and over-current protection (OCP). --- ### 4. Typical Applications These components are designed for high-performance computing environments where space is limited but power demands are high: 1. **Server Motherboards:** Powering high-TDP CPUs and GPUs. 2. **Network Switches:** Used in core routing equipment requiring high current at low voltages. 3. **FPGA Power Supplies:** Providing clean, low-ripple power to logic gates. --- ### 5. Implementation Code Snippet When interfacing with the digital controller (if using PMBus/I2C protocols), developers often monitor the device status using code similar to this: ```python # Example: Reading Telemetry from a Power Controller via I2C/SMBus import smbus bus = smbus.SMBus(1) address = 0x60 # Example I2C address for the module def read_voltage(addr): # READ_VOUT command (0x8B) per PMBus specification raw_data = bus.read_word_data(addr, 0x8B) # Convert linear format to Volts voltage = raw_data / 4096.0 return voltage print(f"Current Output Voltage: {read_voltage(address)}V") ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the M60032KVCK-R?
    • ⤷ Does this component support the PMBus communication protocol?
    • ⤷ What is the specific pinout configuration for the KVCK-R package?