データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60032LVC-R

  • AI
    The **M60032LVC-R** is a specialized semiconductor component, typically identified as a **Low Voltage (LVC) Logic device** or a specific **ASIC/Microcontroller variant** depending on the specific manufacturer (often associated with Renesas or legacy Mitsubishi architectures). Below is a detailed breakdown of the electronic characteristics and specifications associated with this series. --- ### 1. General Specifications The "LVC" designation in the part number usually refers to **Low Voltage CMOS** technology, which is optimized for high-speed performance with low power consumption. | Parameter | Typical Value | | :--- | :--- | | **Logic Family** | LVC (Low Voltage CMOS) | | **Operating Voltage** | 1.65V to 3.6V | | **I/O Tolerance** | Often 5V tolerant inputs | | **Package Type** | LQFP or SOP (Surface Mount) | | **Temperature Range** | -40°C to +85°C (Industrial) | --- ### 2. Core Functional Blocks If the part functions as a microcontroller or complex logic gate, it generally contains the following internal architectures: 1. **Input/Output (I/O) Buffer:** Designed to interface between different voltage levels (e.g., translating 3.3V logic to 1.8V logic). 2. **ESD Protection:** Built-in diodes to protect the internal circuitry from electrostatic discharge during handling. 3. **Propagation Delay:** Highly optimized (typically < 5ns) to ensure high-speed data transmission in computing environments. 4. **Drive Strength:** Capable of driving high-current loads (e.g., ±24 mA) while maintaining signal integrity. --- ### 3. Key Electronic Characteristics #### A. Power Efficiency Because it utilizes **CMOS technology**, the static power consumption is extremely low. Power is primarily consumed only during the "switching" phase (dynamic power), making it ideal for battery-operated devices. #### B. Signal Integrity The "R" suffix often denotes a specific packaging revision or a "Tape and Reel" shipping format. In terms of electronics, these parts are designed with low noise (ground bounce) characteristics to prevent data corruption in high-frequency circuits. #### C. Versatility * **Bus Interfacing:** Often used to connect a CPU to peripheral devices. * **Voltage Level Shifting:** Acts as a bridge between older 5V systems and modern 3.3V/1.8V processors. --- ### 4. Typical Applications * **Industrial Control:** Used in PLC (Programmable Logic Controller) modules. * **Consumer Electronics:** Found in laptops and hand-held devices for logic signal routing. * **Automotive:** Interface modules for sensors and dashboard displays. --- ### 5. Pin Configuration (Common) *While specific pinouts depend on the package (LQFP vs QFP), the general layout follows:* * **VCC:** Positive Power Supply. * **GND:** Circuit Ground. * **A/B Pins:** Data Inputs/Outputs. * **OE (Output Enable):** High-impedance control pin.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the LQFP and SOP versions of this chip?
    • ⤷ How does the LVC technology compare to the older ALVC or HC logic families?
    • ⤷ Can the M60032LVC-R be used directly in 5V logic systems without a voltage regulator?