データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60038GFD-R

  • AI
    The **M60038GFD-R** is a specialized integrated circuit (IC) primarily used in high-performance power management and signal regulation, often found in automotive and industrial applications. Below is a detailed breakdown of its electronic components, specifications, and functions. --- ### 1. General Specifications The M60038GFD-R is typically categorized as a **High-Side Switch** or a **Power Distribution Controller**. It is designed to manage high-current loads while providing robust protection mechanisms. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Often Renesas or Mitsubishi Electric (depending on revision/branding) | | **Package Type** | SOP or SSOP (Surface Mount) | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Voltage** | Typically 5V to 24V (Optimized for 12V systems) | | **Lead Status** | RoHS Compliant (Lead-free) | --- ### 2. Internal Electronic Architecture The internal circuitry of the M60038GFD-R consists of several critical functional blocks: #### A. Power MOSFET At its core, the device contains a power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) with low **$R_{DS(on)}$**. This ensures that when the switch is "ON," there is minimal voltage drop and heat dissipation across the part. #### B. Control Logic This block interprets input signals (TTL/CMOS compatible) to toggle the power state. It acts as the bridge between a low-power microcontroller and a high-power load. #### C. Protection Circuitry The "GFD" variant is specifically engineered for reliability in harsh environments. It includes: * **Overcurrent Protection (OCP):** Limits current to prevent damage during a short circuit. * **Thermal Shutdown (TSD):** Automatically turns off the device if the internal junction temperature exceeds safety limits. * **Under-Voltage Lockout (UVLO):** Ensures the chip does not operate under unstable low-voltage conditions. --- ### 3. Pin Configuration (Typical) While specific pinouts can vary by datasheet revision, the general structure follows this logic: | Pin Name | Function | | :--- | :--- | | **Vcc / VIN** | Power supply input. | | **OUT / Drain** | Connects to the load (output). | | **IN / Gate** | Control signal from the MCU/Processor. | | **GND** | Reference ground. | | **DIAG / ST** | Diagnostic output (indicates fault conditions like overheating). | --- ### 4. Applications The M60038GFD-R is most commonly utilized in: * **Automotive ECUs:** Controlling lamps, solenoids, and small motors. * **Industrial Automation:** Relays replacement in PLC (Programmable Logic Controller) outputs. * **Power Distribution:** Managing power rails in complex embedded systems. --- ### 5. Interpreting the Part Number * **M60038:** The base series identifier. * **GFD:** Often denotes the package style and specific temperature/protection rating. * **-R:** Usually indicates "Reel" packaging for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M60038GFD-R?
    • ⤷ Are there any direct pin-to-pin equivalents for this IC?
    • ⤷ How does the diagnostic pin report a thermal fault?