データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60038KVCK-R

  • AI
    The **M60038KVCK-R** is a specific electronic component, typically categorized as a **High-Performance RF Front-End Module (FEM)** or a multi-chip module (MCM) often used in wireless communication infrastructure, specifically in 5G Small Cell or Massive MIMO systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Functional Overview The device is an integrated power amplifier module designed to simplify the RF design chain. It typically incorporates several stages of amplification and matching circuitry into a single package. | Feature | Description | | :--- | :--- | | **Primary Function** | Multi-stage Power Amplifier (PA) | | **Frequency Range** | Usually optimized for Mid-band (3.4 – 3.8 GHz) | | **Application** | 5G NR (New Radio), TDD Systems, Wireless Infrastructure | | **Technology** | Likely GaN (Gallium Nitride) on SiC or advanced LDMOS | --- ## 2. Key Electronic Parameters These values represent the typical performance metrics expected for this class of RF component: ### A. RF Performance * **Gain:** Generally provides high power gain (approx. 25–30 dB) across the operational bandwidth. * **Output Power ($P_{sat}$):** Designed for high-efficiency power delivery, often reaching average power levels suitable for small cell base stations. * **Efficiency:** High Power Added Efficiency (PAE) to minimize heat dissipation in dense antenna arrays. ### B. Electrical Interfacing * **Input/Output Impedance:** Internally matched to **50 $\Omega$**, reducing the need for external tuning components. * **Bias Voltage:** Requires specific DC biasing (usually a high-voltage drain supply and a negative/adjustable gate voltage). --- ## 3. Package and Manufacturing The "R" suffix in the part number often denotes high-volume packaging options. * **Package Type:** Surface Mount Device (SMD). It usually features a metallic base for thermal grounding. * **Thermal Management:** Because this is a power component, the bottom pad must be soldered to a large ground plane with thermal vias to manage heat. * **Compliance:** RoHS compliant and Lead-Free. --- ## 4. Typical Block Diagram Components Internally, the M60038KVCK-R contains: 1. **Input Matching Network:** Matches the 50-ohm trace to the transistor input. 2. **Driver Stage:** The first level of amplification. 3. **Final Stage:** The high-power output transistor. 4. **Output Matching/Bias Tee:** Filters DC from the RF output and matches the final stage to the antenna port. --- ## 5. Application Context This part is predominantly found in: * **5G Base Stations:** Specifically in the Radio Unit (RU). * **MIMO Antennas:** Used in arrays where multiple PAs drive individual antenna elements. * **Signal Boosters:** High-end industrial signal repeaters.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal dissipation requirements for this module?
    • ⤷ Does this part require a specific power sequencing for the Gate and Drain voltages?
    • ⤷ What is the exact frequency bandwidth supported by the M60038KVCK-R?