データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60041GFD-R

  • AI
    The **M60041GFD-R** is a specific part number typically associated with a **Low-Voltage Differential Signaling (LVDS) driver or receiver IC**, often utilized in high-speed data transmission for display interfaces or telecommunications. Below is a breakdown of the electronic characteristics and technical specifications typical of this component series. --- ### 1. General Specifications The M60041 series is designed to handle high-bandwidth data with low power consumption. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | LVDS Interface IC (Driver/Receiver) | | **Logic Family** | CMOS / LVDS | | **Operating Voltage** | 3.3V (Standard) | | **Data Rate** | Up to 400 Mbps (or higher depending on specific revision) | | **Package Type** | TSSOP or LQFP (Surface Mount) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Internal Electronic Parts The internal circuitry of the M60041GFD-R consists of several critical stages: 1. **Differential Drivers:** These convert standard CMOS/TTL logic levels into differential signals (two wires with opposite voltages). This reduces electromagnetic interference (EMI). 2. **Termination Resistors:** Usually integrated to match the impedance of the transmission line (typically 100 ohms), preventing signal reflections. 3. **Hysteresis Comparators:** Used in the receiver stage to ensure clean signal switching even in the presence of noise. 4. **Bias Circuitry:** Maintains a constant current source (usually ~3.5mA) to drive the LVDS loop. --- ### 3. Pin Configuration Categories While the exact pinout depends on the physical package, the electronic pins are generally categorized as follows: * **VCC/GND:** Power supply pins (usually +3.3V). * **D_IN (Data In):** Parallel CMOS/TTL inputs. * **DO+/DO- (Differential Out):** The balanced output pair for high-speed transmission. * **EN (Enable):** A control pin to activate or put the chip into a low-power sleep mode. --- ### 4. Typical Applications This part is commonly found in the following electronic assemblies: * **LCD/LED Display Panels:** Bridging the motherboard to the timing controller (T-CON). * **Industrial Imaging:** Transferring high-resolution camera data. * **Network Switches:** Handling high-speed backplane signaling. --- ### 5. Part Number Suffix Breakdown * **M60041:** Basic Part Number / Series identification. * **GFD:** Package and temperature grade designator. * **-R:** Usually denotes **RoHS Compliance** or **Tape & Reel** packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the GFD package variant?
    • ⤷ Does this chip support fail-safe features for disconnected inputs?
    • ⤷ What is the maximum operating temperature range for the M60041 series?