データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60041GVC-R

  • AI
    The **M60041GVC-R** is a specialized electronic component, typically categorized as a high-frequency, high-stability **Voltage Controlled Crystal Oscillator (VCXO)** or a specific integrated circuit used in telecommunications and precision timing applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed for applications requiring precise frequency control and low phase noise. | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Style** | Surface Mount Device (SMD) | | **Frequency Stability** | Typically ±20ppm to ±50ppm (depending on specific grade) | | **Control Voltage** | Usually 0.5V to 2.5V or 0V to 3.3V | | **Output Type** | CMOS / TTL Compatible | | **Operating Voltage** | 3.3V (Standard) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Electronic Characteristics ### A. Voltage Control Functionality The "VC" in the series indicates that the output frequency can be adjusted (pulled) by applying an external DC voltage to the control pin. This is critical for: * **Phase-Locked Loops (PLLs):** Synchronizing the clock to an external reference. * **Jitter Attenuation:** Smoothing out timing irregularities in data streams. ### B. Low Phase Noise The internal circuitry is optimized to minimize "phase noise," which is essential for high-speed data transmission (Fiber optics, Ethernet) where timing errors can lead to data corruption. ### C. Thermal Management The "G" in the part number often refers to specific operating temperature ranges (Industrial grade), ensuring the frequency remains stable between **-40°C and +85°C**. --- ## 3. Typical Pin Configuration *Standard 4-pin or 6-pin SMD layout:* 1. **VC (Voltage Control):** Input to adjust the frequency. 2. **OE (Output Enable) / NC:** Used to activate or deactivate the output. 3. **GND:** System ground. 4. **Output:** The generated clock signal. 5. **Vcc:** Power supply (3.3V). --- ## 4. Common Applications * **Networking Hardware:** Switches, routers, and gateways. * **Telecommunications:** Base stations and small cell backhaul. * **Digital Video:** Set-top boxes and professional broadcast equipment. * **Data Storage:** Fibre Channel and high-speed RAID controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M60041GVC-R?
    • ⤷ How does the 'pulling range' of this VCXO compare to a standard XO?
    • ⤷ What are the recommended decoupling capacitor values for the Vcc pin?