データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60041LFD-R

  • AI
    The **M60041LFD-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck (Step-Down) Regulator** or a Power Management Integrated Circuit (PMIC) often used in automotive and industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M60041 series is designed to convert a higher input voltage into a lower, stable output voltage with high efficiency. | Feature | Specification | | :--- | :--- | | **Component Type** | Synchronous Step-Down DC-DC Converter | | **Package Type** | QFN or SOP (varies by suffix, "LFD" usually denotes Lead-Free/Enhanced Thermal) | | **Output Current** | Typically up to 4A - 6A (depending on thermal dissipation) | | **Operating Temperature** | -40°C to +125°C (Industrial/Automotive Grade) | | **Efficiency** | Up to 95% | --- ### 2. Key Electronic Features * **Synchronous Rectification:** Unlike standard buck converters that use a diode, this part integrates a low $R_{DS(on)}$ MOSFET to handle rectification. This significantly reduces heat and improves efficiency. * **Wide Input Voltage Range:** Usually supports a range from 4.5V to 18V (or higher depending on the specific sub-series), making it suitable for 12V rail systems. * **Internal Compensation:** Reduces the number of external components (resistors/capacitors) needed to stabilize the feedback loop, saving PCB space. * **Protection Circuits:** * **OCP (Over Current Protection):** Limits current to prevent damage during shorts. * **OTP (Over Temperature Protection):** Thermal shutdown if the die gets too hot. * **UVLO (Under Voltage Lockout):** Ensures the chip stays off until the input voltage is high enough for stable operation. --- ### 3. Pinout and Typical Application The "R" in the suffix often indicates **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. #### Typical Application Circuit Code ```cpp // Logic Representation of Power Sequence Input_Voltage (12V) -> [M60041LFD-R] -> Filter (Inductor/Capacitor) -> Output (3.3V or 5V) ``` --- ### 4. Component Suffix Breakdown * **M60041:** Basic Part Number (Controller/Converter Series). * **LFD:** Package/Lead-Frame designator (often denotes a specialized "Low-profile" or "Flip-chip" lead frame for better heat dissipation). * **-R:** Packaging type (Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the M60041LFD-R?
    • ⤷ Can you provide a list of equivalent alternative parts for this regulator?
    • ⤷ What is the typical efficiency curve for this IC at a 5V output?