データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60048GFC-R

  • AI
    The **M60048GFC-R** is a specific integrated circuit, typically categorized within the field of programmable logic or specialized application controllers (often associated with legacy Mitsubishi or Renesas semiconductor lines). Below is a detailed breakdown of its electronic characteristics and technical context. --- ### 1. Technical Specifications While specific datasheets for "GFC" suffixes often refer to custom mask ROM or specific packaging variants, the general architecture follows these parameters: | Parameter | Description | | :--- | :--- | | **Logic Family** | CMOS Technology | | **Package Type** | QFP (Quad Flat Package) or specialized Surface Mount | | **Gate Count** | Varies (Typically mid-range for control logic) | | **Operating Voltage** | Usually 3.3V or 5.0V (Standard TTL/CMOS levels) | | **Application** | Automotive, Industrial Control, or Peripheral Interfacing | --- ### 2. Core Electronic Components The internal structure of the M60048 series generally consists of several key electronic blocks: * **Logic Array:** A series of logic gates (AND, OR, NOT) configured to perform specific arithmetic or routing tasks. * **I/O Buffers:** High-impedance inputs and high-drive outputs that allow the chip to interface with external sensors or actuators without signal degradation. * **Clock Management:** Internal circuitry to synchronize data processing with an external crystal oscillator. * **Thermal Protection:** Internal junctions designed to withstand industrial temperature ranges (typically -40°C to +85°C). --- ### 3. Pin Configuration and Integration In a typical circuit design, the M60048GFC-R acts as a **bridge or controller**. Key integration points include: 1. **VCC/GND:** Power pins requiring decoupling capacitors (usually 0.1µF) to filter high-frequency noise. 2. **Signal Pins:** Connected to the data bus of a Master MCU (Microcontroller) or directly to peripheral hardware. 3. **Reset Line:** A dedicated pin to initialize the internal state machines upon power-up. --- ### 4. Common Use Cases * **Automotive ECU Sub-systems:** Managing signal conditioning for dashboard displays or engine sensors. * **Legacy Industrial Hardware:** Used in PLC (Programmable Logic Controller) modules for automated assembly lines. * **Signal Routing:** Acting as a complex multiplexer in communication hardware. --- ### 5. Part Number Breakdown * **M60048:** The base series identifier (Logic/Controller family). * **GFC:** The package and temperature grade code (often indicating a Plastic QFP). * **-R:** Generally indicates "RoHS Compliant" or "Tape & Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the direct pin-for-pin replacements for the M60048GFC-R?
    • ⤷ Where can I download the full official datasheet for this specific Mitsubishi/Renesas part?
    • ⤷ What is the typical power consumption of this IC during active operation?