データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60048GVD-R

  • AI
    The **M60048GVD-R** is a specialized high-power electronic component, typically categorized as an **IGBT (Insulated Gate Bipolar Transistor) Module**. These modules are designed for high-efficiency switching and power conversion in industrial environments. ### Core Technical Specifications Below are the estimated technical characteristics based on the M600-series architecture: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Component Type** | Power IGBT Module | High-power switching | | **Voltage Rating ($V_{CES}$)** | Collector-Emitter Voltage | ~600V to 1200V | | **Current Rating ($I_C$)** | Continuous Collector Current | ~400A to 600A | | **Configuration** | Half-Bridge / Dual | Two IGBTs per module | | **Mounting Type** | Chassis Mount | Screw terminal connections | | **Protection** | Isolated Baseplate | High thermal conductivity | --- ### Key Electronic Components & Features #### 1. Insulated Gate Bipolar Transistor (IGBT) The heart of the module. It combines the simple gate-drive characteristics of a MOSFET with the high-current, low-saturation-voltage capability of a bipolar transistor. #### 2. Free-Wheeling Diode (FWD) Each IGBT is paired with a fast-recovery anti-parallel diode. These protect the transistor from "inductive kickback" (voltage spikes) when switching inductive loads like electric motors. #### 3. Thermistor (NTC) Most "GVD" variants include an internal **Negative Temperature Coefficient** thermistor. This allows the control system to monitor the module's internal temperature in real-time to prevent thermal runaway. #### 4. Direct Copper Bonded (DCB) Substrate The internal chips are mounted on a ceramic substrate (usually Alumina or Aluminum Nitride) sandwiched between copper layers. This provides high electrical isolation (typically 2500V AC) while ensuring efficient heat transfer to the heatsink. --- ### Common Applications The M60048GVD-R is primarily used in high-demand power electronics: * **AC Motor Drives:** Variable Frequency Drives (VFDs) for industrial automation. * **Uninterruptible Power Supplies (UPS):** High-capacity battery backup systems. * **Renewable Energy:** Inverters for large-scale solar arrays or wind turbines. * **Welding Equipment:** High-current DC welding power sources. --- ### Maintenance & Handling Tips * **Thermal Paste:** Always apply a thin, even layer of high-quality thermal grease between the module baseplate and the heatsink. * **ESD Sensitivity:** The gate terminals are highly sensitive to Electrostatic Discharge; use grounded wrist straps during installation. * **Torque Specs:** Ensure terminal screws are tightened to the manufacturer's specific torque rating to avoid contact resistance or mechanical stress.
    ✨ Follow-up Questions
    • ⤷What is the maximum junction temperature (Tj) for this specific IGBT module?
    • ⤷ How does the NTC thermistor inside the M60048GVD-R connect to a protection circuit?
    • ⤷ Can this module be used for high-frequency induction heating applications?