データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6DPS1-R

  • AI
    The **M6DPS1-R** is a specialized electronic module typically used within industrial automation systems, specifically associated with the **Hitachi HI-FLOW** or **S10** series of programmable controllers. It is categorized as a Power Supply Module designed to provide stable DC voltage to the backplane of a controller rack. --- ### 1. Technical Specifications The following table outlines the general characteristics of the M6DPS1-R module: | Component | Specification | | :--- | :--- | | **Device Type** | DC Power Supply Module | | **Input Voltage** | Typically 24V DC (Standard for industrial sensors/logic) | | **Output Voltage** | 5V DC (Internal logic) and 24V DC (I/O supply) | | **Mounting Style** | Rack/Backplane Mount | | **Redundancy Support** | Yes (The "-R" suffix often indicates Redundancy capability) | | **Cooling** | Natural Air Convection | --- ### 2. Key Electronic Features * **Redundancy Logic (-R):** This module is designed to work in a "dual-redundant" configuration. If one power supply fails, the second unit takes over the load instantly without interrupting the CPU or I/O processes. * **Isolation Circuitry:** High-quality optoisolators and transformers are used to separate the input field power from the sensitive internal logic circuits, protecting the CPU from surges. * **Filtering & Smoothing:** It contains an array of electrolytic capacitors and inductors (LC filters) to remove "ripple" noise from the DC input, ensuring a clean signal for digital processing. * **Protection Circuits:** * **Overcurrent Protection:** Automatically shuts down or limits current if a short circuit occurs. * **Overvoltage Protection:** Prevents high-voltage spikes from reaching the backplane. --- ### 3. Physical Interface The module usually features a front panel with diagnostic indicators: 1. **POWER LED:** Green light indicating the unit is receiving input power and converting it correctly. 2. **ALARM/FAIL LED:** Red light indicating an internal fault or that the output voltage has dropped below the threshold. 3. **Terminal Block:** Screws for connecting the primary DC input source. --- ### 4. Application Context The M6DPS1-R is used in environments where **zero downtime** is required, such as: * Power plant control systems. * Water treatment facilities. * Large-scale manufacturing assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M6DPS1-R input terminal?
    • ⤷ How does the redundancy mechanism synchronize between two M6DPS1-R modules?
    • ⤷ What are the common failure symptoms for this specific power module?