データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6DXAP-Z1N-R

  • AI
    The **M6DXAP-Z1N-R** is a high-performance, automotive-grade power inductor manufactured by **Cyntec**. It is part of the M6DX series, designed for high-current applications and harsh environments. --- ## Technical Specifications The following table outlines the key electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 1.0 µH (Typical) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~5.2 mΩ (Max) | | **Saturation Current (Isat)** | ~18.0 A (Approx. based on series) | | **Operating Temperature** | -55°C to +155°C | | **Package Size** | 6.0 x 6.0 x 4.5 mm (Approx.) | | **AEC-Q200** | Qualified (Automotive Grade) | --- ## Key Features ### 1. Alloy Powder Construction The part utilizes a molded metal powder core. This design allows for a **soft saturation** characteristic, meaning the inductance drops gradually as current increases, rather than dropping sharply (which occurs in ferrite cores). ### 2. Low DCR and High Efficiency The use of flat-wire or high-purity copper windings minimizes DC Resistance (DCR). This reduces power loss via heat (I²R losses), making it ideal for high-efficiency DC-DC converters. ### 3. Excellent Thermal Stability Being rated for up to **155°C**, it is specifically designed for under-the-hood automotive environments or industrial systems where ambient temperatures are high. ### 4. EMI Shielding The molded construction acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) which is critical in sensitive electronic control units (ECUs). --- ## Typical Applications * **Automotive Systems:** ADAS sensors, infotainment, and powertrain control modules. * **DC/DC Converters:** Voltage regulation modules (VRM) for CPUs and GPUs. * **Industrial:** High-current power supplies and ruggedized telecommunications equipment. --- ## Internal Structure (Conceptual) ```json { "Core_Material": "Metal Alloy Powder", "Winding": "Copper Wire", "Termination": "Lead-free (RoHS Compliant) Solder Pads", "Shielding": "Magnetically Shielded via Molding" } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current rating for the M6DXAP series?
    • ⤷ How does 'soft saturation' improve DC-DC converter stability?
    • ⤷ Are there pin-to-pin compatible alternatives from TDK or Vishay?