データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6DXT-NV2-R

  • AI
    The **M6DXT-NV2-R** refers to a high-speed, high-density mezzanine connector, typically associated with the **Molex Mirror Mezz** series. These components are critical in high-performance computing, networking, and telecommunications for connecting two printed circuit boards (PCBs) in a parallel (stacking) configuration. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Mezzanine (Board-to-Board) | | **Product Series** | Mirror Mezz (Molex) | | **Data Rates** | Up to 56 Gbps (PAM-4) or 112 Gbps per differential pair | | **Configuration** | Hermaphroditic (Mates to itself) | | **Mounting Style** | Surface Mount Technology (SMT) with BGA (Ball Grid Array) | | **Pin Count** | High Density (varies by specific variant, often 688+ pins) | --- ### 2. Functional Design Features #### A. Hermaphroditic Design One of the most distinct electronic features of the M6DXT-NV2-R is that it is **hermaphroditic**. This means there are not separate "male" and "female" parts; the connector mates to an identical version of itself. * **Benefit:** Simplifies Bill of Materials (BOM) management and reduces inventory costs. #### B. Differential Pair Geometry The internal pins are arranged in a "stitched" or "mirror" pattern to support high-speed differential signals. This layout minimizes signal loss and manages impedance to prevent reflections at speeds exceeding 56 Gbps. #### C. BGA Attachment The connector uses **Ball Grid Array (BGA)** termination. This provides a robust mechanical connection to the PCB and ensures short electrical paths, which is essential for maintaining signal integrity at microwave frequencies. --- ### 3. Application Areas Because of its ability to handle massive data throughput in a small footprint, this part is commonly found in: * **AI/ML Servers:** Connecting GPU/NPU baseboards to main system boards. * **Networking Switches:** High-speed data plane connections. * **Storage Systems:** NVMe-over-Fabric (NVMe-oF) hardware. --- ### 4. Comparison to Standard Connectors | Feature | Standard Mezzanine | M6DXT-NV2-R (Mirror Mezz) | | :--- | :--- | :--- | | **Speed** | 10 - 25 Gbps | 56 - 112 Gbps | | **Stack Height** | Limited | Flexible (varies by part number) | | **Signal Density** | Moderate | Extreme (High I/O per mm²) | | **Crosstalk** | Standard | Optimized Shielding / Low Crosstalk | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific stack height options for the M6DXT-NV2-R series?
    • ⤷ Does this connector support PCIe Gen 5 or Gen 6 protocols?
    • ⤷ What are the soldering requirements for the BGA attachment on this part?