データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SDY-4-R

  • AI
    The **M6SDY-4-R** is a specific electronic component, typically categorized as a **DIP (Dual In-line Package) Switch**. These switches are used on printed circuit boards (PCBs) to allow users or technicians to manually configure device settings or operation modes. --- ### 1. Key Technical Specifications Below are the general parameters associated with this series of switches: | Parameter | Specification | | :--- | :--- | | **Component Type** | DIP Switch | | **Actuator Type** | Raised Slide / Piano Style | | **Number of Positions** | 4 Positions | | **Pitch (Spacing)** | 2.54mm (0.1 inch) | | **Contact Rating** | 25mA @ 24V DC (Switching) | | **Operating Temperature** | -20°C to +85°C | | **Termination Style** | Through-hole (PC Pin) | --- ### 2. Functional Characteristics The "M6SDY-4-R" design usually features the following electronic traits: * **Gold-Plated Contacts:** Most high-reliability DIP switches use gold plating on the contact points to prevent oxidation and ensure a stable low-resistance connection over time. * **Sealing:** The "R" or specific suffixes often denote the presence of a top tape seal or a specific molding style that allows the component to survive wave soldering and board washing processes. * **Bifurcated Contacts:** This design ensures that each switch position makes contact at two points, significantly increasing electrical reliability. --- ### 3. Common Applications These parts are integrated into electronic systems where permanent but adjustable hardware settings are required: 1. **Address Setting:** Used in industrial networking or DMX lighting to set a unique ID for a device. 2. **Logic Configuration:** Setting "High" or "Low" states for microcontrollers or FPGA pins. 3. **Mode Selection:** Toggling between different operation modes (e.g., Test Mode vs. Production Mode). 4. **Hardware Options:** Enabling or disabling specific hardware features like on-board termination resistors. --- ### 4. Circuit Representation In a schematic, a 4-position DIP switch is represented as four independent SPST (Single Pole Single Throw) switches. ```mermaid graph LR A[Input 1] --- S1(Switch 1) --- B[Output 1] C[Input 2] --- S2(Switch 2) --- D[Output 2] E[Input 3] --- S3(Switch 3) --- F[Output 3] G[Input 4] --- S4(Switch 4) --- H[Output 4] ```
    ✨ Follow-up Questions
    • ⤷What is the difference between slide and piano-style DIP switches?
    • ⤷ How do you calculate the binary value of a 4-position DIP switch?
    • ⤷ Can DIP switches be used for AC power switching?