データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SDY-5-R

  • AI
    The **M6SDY-5-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component**. While various manufacturers use similar numbering schemes, this part is most commonly associated with shielded power inductors used in high-density power supply applications. --- ### Technical Specifications The following table outlines the general technical characteristics of the M6SDY-5-R series: | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | 5.0 µH (standard for the "-5-" designation) | | **Tolerance** | ±20% (Typical) | | **Shielding** | Magnetically Shielded (Low EMI) | | **RoHS Status** | Compliant (indicated by "-R") | --- ### Key Internal Parts and Construction The performance of the M6SDY-5-R relies on three primary electronic/physical components: 1. **Magnetic Core:** * Usually made of a **Ferrite** or **Iron Powder** material. * The "Shielded" design means the core encapsulates the coil, preventing electromagnetic interference (EMI) from leaking and affecting nearby components. 2. **Copper Winding:** * A high-purity copper wire is wound around the core. * The thickness of this wire determines the **DC Resistance (DCR)** and the current-carrying capacity. 3. **Terminations:** * The "legs" or pads are typically tin-plated for easy soldering. * Designed for reflow soldering processes common in modern PCB assembly. --- ### Typical Applications These parts are designed for efficiency in compact spaces. Common uses include: * **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators. * **Voltage Regulator Modules (VRM):** Found in laptops and server motherboards. * **Portable Electronics:** Used in tablets and smartphones due to the low-profile SMD design. * **EMI Filtering:** Acting as a low-pass filter to smooth out ripples in power lines. --- ### Identification Breakdown | Code Segment | Meaning | | :--- | :--- | | **M6SDY** | Series identifier (Case size and core material) | | **5** | Inductance value (5.0 microhenries) | | **R** | RoHS Compliant / Lead-free |
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M6SDY-5-R?
    • ⤷ How does magnetic shielding improve performance in power supplies?
    • ⤷ What are the physical dimensions of the M6SDY series package?