データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SPP-DA2N-R

  • AI
    The **M6SPP-DA2N-R** is a specific part number belonging to a series of industrial signal conditioners or transducers, typically manufactured by companies like **M-System** (now MG CO., LTD). This specific model is a high-density, ultra-slim signal splitter. --- ### ## Technical Overview The M6S series is designed for space-saving applications in control panels. The "Splitter" function means it takes one analog input signal and provides two isolated analog output signals. ### ### Specifications Table | Feature | Specification | | :--- | :--- | | **Model Series** | M6S Series (Ultra-slim Signal Conditioners) | | **Input Type** | DC Current or Voltage (Standard: 4–20mA or 1–5V DC) | | **Output 1** | 4–20 mA DC | | **Output 2** | 4–20 mA DC | | **Power Input** | 24V DC | | **Housing Width** | 5.9 mm (0.23 inches) | | **Isolation** | 3-way (Input to Output to Power) | | **Mounting** | DIN Rail | --- ### ## Component Breakdown (Part Number Suffixes) While specific internal schematics are proprietary, the suffix codes generally represent the following hardware configurations: * **M6S**: Series identifier (Ultra-slim 5.9mm wide). * **PP**: Refers to the Signal Splitter function. * **DA**: Standard Input/Output configuration (often 4-20mA current loops). * **2**: Designates the number of outputs (Dual Output). * **N**: No specific custom options (Standard). * **R**: Power requirement (24V DC). --- ### ## Key Electronic Features 1. **Signal Isolation**: It uses galvanic isolation (optical or magnetic) to prevent ground loops and protect sensitive PLC/DCS inputs from electrical surges on the field side. 2. **Active Current Loop**: The device acts as a powered transmitter, ensuring the signal remains accurate even over long cable distances. 3. **Efficiency**: Designed with low power consumption to prevent heat buildup when multiple units are mounted side-by-side on a DIN rail. 4. **Terminal Block**: Integrated tension-clamp or screw terminals for high-density wiring. --- ### ## Typical Application Circuit ```mermaid graph LR A[Sensor/Transmitter] -->|4-20mA| B(M6SPP-DA2N-R) B -->|Output 1| C[PLC Analog Input] B -->|Output 2| D[Local Display/Recorder] E[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the tension-clamp and screw terminal versions?
    • ⤷ Does this model support HART protocol pass-through?
    • ⤷ How much isolation voltage is rated between the input and output channels?