データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SWVS-06-R

  • AI
    The **M6SWVS-06-R** is a specific type of electromechanical component, typically categorized as a **DIP Switch** (Dual In-line Package Switch). Specifically, this part number usually refers to a 6-position, side-actuated (right angle) surface mount component. --- ### 1. Key Technical Specifications The following table outlines the general technical parameters for this type of switch: | Feature | Specification | | :--- | :--- | | **Switch Type** | DIP Switch | | **Number of Positions** | 6 Positions | | **Actuator Type** | Side Actuated (Piano/Right Angle) | | **Mounting Style** | Surface Mount (SMT/SMD) | | **Contact Rating** | 25mA @ 24VDC (Switching); 100mA @ 50VDC (Non-switching) | | **Terminal Pitch** | 2.54 mm (0.1 inch) | | **Operating Force** | 800g Max | | **Packaging** | Usually Tape & Reel (indicated by -R) | --- ### 2. Functional Components The M6SWVS-06-R consists of several internal electronic and mechanical parts: 1. **Base and Cover**: Made of high-temperature thermoplastic (usually UL94V-0 rated) to withstand reflow soldering temperatures. 2. **Actuators**: The small levers (6 in total) that the user moves to open or close the circuit. 3. **Contacts**: Gold-plated copper alloy. Gold plating is critical to prevent oxidation and ensure a reliable connection over time. 4. **Terminals**: The "feet" of the component that are soldered to the PCB. These are usually gull-wing shaped for SMT mounting. 5. **Seal (Optional)**: Often features a top tape seal or internal potting to protect contacts during the soldering and washing process. --- ### 3. Common Applications These parts are primarily used for hardware configuration where settings do not need to be changed frequently: * **Address Setting**: Defining the ID of a device on a network (e.g., RS-485 or DMX). * **Logic Configuration**: Selecting specific modes of operation on a microcontroller board. * **Peripheral Options**: Enabling or disabling specific hardware features on industrial equipment. --- ### 4. Circuit Diagram Representation In a schematic, each of the 6 positions acts as a simple **SPST (Single Pole Single Throw)** switch. ```text [Internal View] Pin 1 o---/ ---o Pin 12 Pin 2 o---/ ---o Pin 11 Pin 3 o---/ ---o Pin 10 Pin 4 o---/ ---o Pin 9 Pin 5 o---/ ---o Pin 8 Pin 6 o---/ ---o Pin 7 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between side-actuated and top-actuated DIP switches?
    • ⤷ How do I calculate the pull-up resistor values for this switch?
    • ⤷ Can this switch be used for high-current power switching?