データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SWVS-46-R/Q

  • AI
    The **M6SWVS-46-R/Q** is a specialized radio frequency (RF) component, specifically a high-performance **solid-state PIN diode switch**. These parts are typically utilized in military, aerospace, and high-reliability industrial communications for signal routing. --- ### 1. General Specifications This device is designed to manage high-frequency signals with high isolation and low insertion loss. The "R/Q" suffix often denotes specific screening levels or environmental certifications (such as RoHS compliance or high-reliability testing). | Parameter | Typical Description | | :--- | :--- | | **Component Type** | RF PIN Diode Switch | | **Configuration** | SP6T (Single Pole, Six Throw) | | **Frequency Range** | Typically broad-band (e.g., 2 GHz to 18 GHz) | | **Control Logic** | TTL Compatible | | **Switching Speed** | High Speed (Nanosecond range) | | **Package Style** | Hermetically sealed or ruggedized module | --- ### 2. Key Electronic Components & Internal Architecture The functionality of the M6SWVS-46-R/Q relies on several internal sub-sections: #### A. PIN Diode Matrix * **Function:** Acts as the primary switching element. * **Mechanism:** When forward-biased, the diode has very low resistance (ON state); when reverse-biased, it has very high resistance (OFF state), allowing it to block or pass RF signals. #### B. Integrated Driver Circuitry * **Function:** Translates standard digital signals (TTL/CMOS) into the specific currents and voltages required to bias the PIN diodes. * **Logic:** Usually requires a multi-bit digital input to select one of the six output ports. #### C. Bias Tees and Decoupling * **Function:** Separates the DC control signals from the RF signal path to prevent interference and protect sensitive downstream components. --- ### 3. Pinout and Interface (Typical) While specific pin assignments depend on the manufacturer's datasheet (often Mini-Circuits or similar RF specialized firms), the interface usually follows this structure: | Pin Type | Description | | :--- | :--- | | **RF IN** | Common input port for the high-frequency signal. | | **J1 - J6** | Output ports (switched). | | **V+ / V-** | DC Power supply pins (Dual rail often required for speed). | | **Control (E1-E3)** | Binary coded TTL inputs to select the active path. | | **GND** | Chassis and electrical ground. | --- ### 4. Typical Applications * **Electronic Warfare (EW):** Switching between different antenna arrays or receivers. * **Radar Systems:** Pulse modulation and signal routing. * **Automated Test Equipment (ATE):** Routing a single signal source to multiple Units Under Test (UUT). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range and insertion loss for this specific model?
    • ⤷ How does the switching speed of a PIN diode compare to a GaAs FET switch?
    • ⤷ What are the power handling capabilities (P1dB) of the M6SWVS series?