データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SWVS-4WD-R/Q

  • AI
    The **M6SWVS-4WD-R/Q** is a high-performance 4-Wheel Drive (4WD) mobile robot platform, typically used in research, mapping, and autonomous navigation. This platform is characterized by its rugged mechanical design and specialized electronic architecture. --- ### Core Electronic Components The electronics of this platform can be categorized into power management, drive systems, and control interfaces. | Component Category | Description | Specifications/Details | | :--- | :--- | :--- | | **Drive Motors** | High-torque DC Brushless (BLDC) or Brushed Motors | Usually 4 independent motors for true 4WD capability. | | **Motor Controllers** | Dual or Quad Channel PWM Drivers | Supports closed-loop control with encoder feedback for precise velocity. | | **Power System** | Rechargeable Lithium Battery Pack | Typically 24V or 48V systems depending on the payload requirements. | | **Encoders** | Incremental Optical or Magnetic Encoders | Mounted on motor shafts to track distance and wheel speed (Odometry). | | **Interface Ports** | Communication I/O | Standard support for CAN bus, RS232, and USB for PC connection. | --- ### Functional Architecture The electronic system is designed to interface with a "brain" (usually an onboard computer like an NVIDIA Jetson or an Intel NUC). 1. **Lower-Level Controller (MCU):** The base platform contains an embedded microcontroller that handles the real-time execution of motion commands, reads encoder data, and manages the PID loops for the motors. 2. **Safety & Monitoring:** * **BMS (Battery Management System):** Monitors voltage, current, and temperature to prevent over-discharge. * **Emergency Stop:** Physical and electronic disconnects for immediate shutdown. 3. **Connectivity:** The system typically uses a **CAN bus** architecture, which is industry-standard for robotics due to its high reliability and resistance to electrical noise. --- ### Sample Control Logic (Python/ROS Context) If you are controlling this unit via a ROS (Robot Operating System) node, the electronic communication often follows this logic: ```python # Conceptual Python pseudocode for sending velocity commands via Serial/CAN import serial def send_move_command(linear_x, angular_z): # Construct a packet based on the M6SWVS protocol # Header + Command Type + Data + Checksum command = f"MOVE:{linear_x},{angular_z}\n" with serial.Serial('/dev/ttyUSB0', 115200) as ser: ser.write(command.encode('utf-8')) print(f"Sent: {linear_x} m/s to motor controllers.") # Usage: Move forward at 0.5 m/s send_move_command(0.5, 0.0) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum payload capacity for the M6SWVS-4WD-R/Q platform?
    • ⤷ How do I integrate a LiDAR sensor into the existing electronic bus?
    • ⤷ Does the motor controller support ROS2 drivers natively?