M6SWVS-56-R
AI

The **M6SWVS-56-R** is a specific part number typically associated with high-performance **VGA/Video Interface cables** or connectors, often manufactured by brands like **Tripp Lite** or specialized industrial electronics suppliers.
Below is a breakdown of the electronic specifications, physical construction, and typical use cases.
---
## 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | HD15 (High-Density D-Sub 15-pin) |
| **Gender** | Usually Male to Male (M/M) |
| **Resolution Support** | Up to 2048 x 1536 (QXGA) |
| **Coaxial Technology** | RGB Conductors are 75 Ohm mini-coax |
| **Shielding** | Double shielded (Foil + Braid) |
| **Ferrite Cores** | Often included to suppress EMI/RFI noise |
---
## 2. Key Electronic Components & Design
### A. 75 Ohm Mini-Coaxial Conductors
Unlike standard data cables, the Red, Green, and Blue (RGB) signals in this part are carried via **75-ohm coaxial lines**.
* **Purpose:** This maintains signal impedance and prevents "ghosting" or "shadowing" on high-resolution displays.
* **Benefit:** Allows for longer cable runs without significant signal degradation.
### B. EMI/RFI Protection
The "M6" series often emphasizes electromagnetic interference (EMI) protection.
* **Foil Shielding:** Wraps the internal wires to block high-frequency interference.
* **Braid Shielding:** Provides structural strength and grounds low-frequency interference.
* **Ferrite Beads:** These are the cylindrical "bumps" near the ends of the cable that act as low-pass filters to eliminate electronic noise.
### C. Gold-Plated Contacts
The pins within the HD15 connectors are typically gold-plated.
* **Corrosion Resistance:** Prevents oxidation over time in humid environments.
* **Conductivity:** Ensures a low-resistance connection for analog signals.
---
## 3. Applications
The M6SWVS-56-R is engineered for environments where video clarity is critical:
* **Industrial Monitoring:** Connecting PLCs or industrial computers to high-resolution CRT or LCD monitors.
* **Server Rooms:** Used with KVM (Keyboard, Video, Mouse) switches.
* **Home Theater/Pro-AV:** High-end analog video distribution.
---
## 4. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **M6** | Series designation (often indicating High-Resolution/Coax) |
| **SW** | May indicate "Swivel" or "Shielded Wire" depending on the sub-manufacturer |
| **VS** | Video Standard / VGA |
| **56** | Often denotes length (e.g., 6 feet or a specific gauge) |
| **R** | RoHS Compliant (Lead-free) |
- ⤷
Is this part compatible with modern HDMI or DisplayPort monitors?
- ⤷ What are the advantages of using 75-ohm coax in VGA cables?
- ⤷ Does this cable support DDC2 (Display Data Channel) for plug-and-play detection?