データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SWVS-5WA-R/Q

  • AI
    The **M6SWVS-5WA-R/Q** is a high-precision, industrial-grade current sensor (transducer) manufactured by **Tamura**. It is designed based on **Fluxgate technology**, which allows for superior accuracy and stability compared to standard Hall Effect sensors. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Technology** | Fluxgate (Closed Loop) | | **Rated Current ($I_n$)** | 5 Amps (RMS) | | **Supply Voltage ($V_{cc}$)** | +5.0V (Single Supply) | | **Output Type** | Voltage Output (Ratiometric) | | **Offset Voltage** | $V_{ref}$ (Internal or External) | | **Accuracy** | ±0.8% at $T_a = 25°C$ | | **Mounting Type** | Through-hole (PCB) | --- ### 2. Core Electronic Components & Architecture The device operates using a sophisticated internal circuit to ensure linear measurement of electric current: * **Magnetic Core:** A high-permeability ring that concentrates the magnetic field generated by the primary current. * **Fluxgate Detector:** Unlike simple Hall sensors, it uses an excitation coil to saturate the core periodically. This allows it to detect extremely small magnetic imbalances with near-zero drift. * **Feedback Compensation Coil:** The "Closed Loop" aspect. The sensor generates an internal current to cancel out the primary magnetic field. The measurement is derived from this compensation current. * **Signal Conditioning IC:** An integrated ASIC that handles the excitation frequency, synchronous rectification, and provides a ratiometric voltage output. --- ### 3. Application Benefits 1. **High Stability:** The Fluxgate design minimizes temperature-induced offset drift, making it ideal for precision power electronics. 2. **Galvanic Isolation:** It provides physical separation between the high-current primary circuit and the low-voltage control circuit (essential for safety). 3. **Low Phase Shift:** Excellent frequency response for monitoring complex AC waveforms. --- ### 4. Typical Connection Diagram ```text [ Primary Current Path ] | | +------|-------|------+ | v v | | [ M6SWVS-5WA-R/Q ] | | | | (1) Vcc (+5V) |---- To Power Supply | (2) GND |---- To Ground | (3) Vout |---- To ADC / Microcontroller | (4) Vref |---- Reference Voltage +---------------------+ ``` --- ### 5. Common Use Cases * **Photovoltaic Inverters:** Monitoring DC/AC conversion efficiency. * **Servo Drives:** High-precision motor position and torque control. * **Uninterruptible Power Supplies (UPS):** Real-time load monitoring. * **Battery Management Systems (BMS):** Measuring state-of-charge with high accuracy.
    ✨ Follow-up Questions
    • ⤷What is the difference between Fluxgate and Hall Effect sensors in terms of accuracy?
    • ⤷ How does the 'R/Q' suffix change the component specifications?
    • ⤷ What is the maximum overcurrent limit for this 5A rated sensor?