データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M6SXAS-S2-R

  • AI
    The **M6SXAS-S2-R** is a specific part number typically associated with high-precision mechanical and electromechanical components, often manufactured by companies like **MISUMI** or similar industrial hardware suppliers. Based on the nomenclature, this is a **Stainless Steel Miniature Linear Guide or Slide Rail** component. --- ### 1. Part Number Breakdown The alphanumeric code provides specific details regarding its construction and electronic/mechanical application: | Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M6** | Series/Size | Refers to the rail width or standard size (6mm). | | **S** | Material | Stainless Steel (Standard for corrosion resistance). | | **XA** | Precision/Type | High-precision accuracy grade or specialized coating. | | **S** | Block Length | Short block type (compact design). | | **S2** | Configuration | Number of blocks included on a single rail (2 Blocks). | | **R** | Specific Feature | Often denotes "Right-hand" or "Reinforced" depending on the sub-series. | --- ### 2. Technical Specifications Linear guides like the M6SXAS-S2-R are essential for movement in electronic assembly equipment. * **Material:** SUS440C (Stainless Steel) or equivalent. * **Operating Temperature:** Typically -20°C to 80°C. * **Precision Class:** Usually N (Normal) or H (High) precision. * **Friction Coefficient:** Extremely low (0.003 - 0.005). --- ### 3. Electronic & Industrial Applications While the part itself is mechanical, it is a critical component in the **mechatronics** of electronic manufacturing: 1. **3D Printers & PCB Plotters:** Used for the X/Y/Z axis movement where high accuracy is required to deposit solder paste or components. 2. **Semiconductor Equipment:** Found inside pick-and-place machines that handle microchips. The stainless steel construction prevents particle shedding (Cleanroom compatible). 3. **Medical Scanning Devices:** Used in small-scale laboratory automation for moving vials or sensors. 4. **Optical Inspection:** Moves cameras or lasers over electronic boards to check for defects. --- ### 4. Maintenance and Compatibility * **Lubrication:** Requires lithium-based grease for smooth electronic actuation. * **Mounting:** Uses M2 or M3 tapped holes (standard for M6 series) for integration into electronic chassis. * **ESD Safety:** Being metallic, it must be properly grounded within the electronic assembly to prevent electrostatic discharge (ESD) from damaging sensitive ICs.
    ✨ Follow-up Questions
    • ⤷ What are the load capacity limits for the M6SXAS-S2-R?
    • ⤷ How do I calculate the rail length for this specific model?
    • ⤷ Are there specific lubrication requirements for cleanroom electronic assembly?