データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M74HC294M1R

  • AI
    ### Technical Overview of the M74HC294M1R The **M74HC294M1R** is a high-speed CMOS (Complementary Metal Oxide Semiconductor) integrated circuit. It functions primarily as a **Programmable Divider/Timer**. It is designed to divide an input frequency by a specific power of two, selected by the user through control pins. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Family** | 74HC (High-Speed CMOS) | | **Function** | Programmable Divider / Timer | | **Package Type** | SO-16 (Surface Mount) | | **Voltage Range (Vcc)** | 2.0V to 6.0V | | **Division Ratios** | $2^2$ to $2^{15}$ (Depending on select pins) | | **Operating Temp** | -55°C to 125°C | | **Output Current** | 5.2mA | --- ### 2. Internal Architecture and Pins The device consists of a 15-stage binary counter and a multiplexer. The user selects which stage of the counter is connected to the output pin. #### Pin Functions: 1. **Clock (CP):** The input frequency signal to be divided. 2. **Clear (CLR):** Asynchronous reset. When HIGH, it resets the counter to zero. 3. **Select Pins (S0, S1):** These pins determine the division ratio. 4. **Output (Q):** The resulting frequency after division. --- ### 3. Logic Operation Table The division ratio is determined by the logic levels applied to the selection pins. | S1 | S0 | Division Ratio ($2^n$) | | :---: | :---: | :--- | | L | L | $2^2$ (Divide by 4) | | L | H | $2^{10}$ (Divide by 1,024) | | H | L | $2^{12}$ (Divide by 4,096) | | H | H | $2^{15}$ (Divide by 32,768) | --- ### 4. Typical Applications * **Time Base Generation:** Creating 1Hz signals from high-frequency crystal oscillators. * **Frequency Synthesis:** Lowering clock speeds for specific peripherals in embedded systems. * **Delay Circuits:** Generating long-duration pulses for industrial timing. --- ### 5. Schematic Symbol Implementation ```cpp // Example of how the M74HC294 might be interfaced in a logic diagram [Input Clock] ----> (CP) [ M74HC294 ] (Q) ----> [Divided Output] (S0, S1) <---- [Controller Selection] (CLR) <---- [Reset Line] ```
    ✨ Follow-up Questions
    • What is the difference between the 74HC294 and the 74HCT294 series?
    • Can this IC be used to generate a 1Hz pulse from a 32.768 kHz crystal?
    • How does the propagation delay vary with the supply voltage (Vcc)?