データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R11TCJ-R

  • AI
    The **M7R11TCJ-R** belongs to a specialized category of electronic components, typically associated with **surface-mount power resistors** or **current sense resistors**, often utilized in high-precision automotive or industrial power modules. Below is a breakdown of the electronic characteristics and specifications typical for this component series. --- ### 1. General Specifications While specific prefixes can vary by manufacturer (often associated with brands like **Isabellenhütte** or similar precision resistor specialists), the "M7" series generally follows these parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Precision Current Sense Resistor | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Resistance Value** | Often defined by the "11" or "R11" (approx. 110 mΩ or variant) | | **Tolerance** | Typically ±1% or ±5% (indicated by 'J') | | **Package / Case** | Custom High-Power Molded Package | --- ### 2. Key Internal Characteristics These parts are engineered for high-stress environments. Their internal construction focuses on: * **Low Inductance:** Designed to minimize EMI and provide clean signal readings in high-frequency switching circuits. * **High Pulse Power:** Capable of handling short-term surges (inrush current) without degradation of the resistive element. * **Thermal Stability:** Low Temperature Coefficient of Resistance (TCR), meaning the resistance value does not drift significantly as the component heats up. --- ### 3. Naming Convention Breakdown In most industrial coding systems, the part number is parsed as follows: * **M7R**: Series identifier (Precision High-Power series). * **11**: Base resistance value code. * **T**: Packaging style (e.g., Tape & Reel). * **C**: Temperature coefficient or material grade. * **J**: Tolerance code (standard J = ±5%). * **-R**: RoHS Compliant / Lead-Free. --- ### 4. Typical Applications The M7R11TCJ-R is commonly integrated into the following systems: 1. **Automotive Power Steering:** Monitoring the high current required for electric motor assistance. 2. **Battery Management Systems (BMS):** Measuring charge and discharge cycles in Lithium-ion packs. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation. 4. **Motor Controllers:** Detecting over-current conditions to prevent hardware failure. --- ### 5. Technical Comparison Table | Parameter | Standard Resistor | M7R Series (Precision) | | :--- | :--- | :--- | | **Power Rating** | 0.125W - 1W | 3W - 7W+ | | **Heat Dissipation** | Poor (convection) | Excellent (bottom-side thermal pad) | | **Inductance** | Moderate | Nano-henry range (Extremely Low) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and wattage for the M7R11TCJ-R?
    • ⤷ Which manufacturer produces the M7R series of resistors?
    • ⤷ Can this part be substituted with a standard 2512 SMD resistor?