データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R12TCJ-R

  • AI
    The **M7R12TCJ-R** is a specific technical part number often associated with high-performance electronic components, typically categorized within the realm of **Power Electronics** or **Industrial Control Modules**. Below is a detailed breakdown of its electronic characteristics, common applications, and specifications. --- ## 1. Component Overview The "M7R" series generally refers to specific solid-state components or integrated modules designed for heavy-duty switching. Depending on the manufacturer (often associated with brands like **Mitsubishi** or specialized industrial suppliers), these parts are designed to handle high voltage and current with high thermal stability. ### Key Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Power Module / Rectifier / IGBT | | **Voltage Rating** | Up to 1200V (indicated by '12') | | **Current Rating** | 50A - 150A (Series dependent) | | **Mounting Type** | Chassis Mount / Bolt-on | | **Termination** | Screw Terminals or Fast-on | --- ## 2. Technical Breakdown Understanding the electronic structure of the M7R12TCJ-R requires looking at its core functional blocks: ### A. Power Switching The module uses **Insulated Gate Bipolar Transistors (IGBTs)** or high-power diodes. The "12" in the part number usually signifies a **1200V breakdown voltage**, making it suitable for 400V-480V AC line applications. ### B. Thermal Management * **Baseplate:** Usually constructed from copper or aluminum with a nickel coating to ensure efficient heat transfer to a heatsink. * **Insulation:** Features high-voltage isolation (often up to 2500V AC) between the internal circuitry and the mounting base. ### C. Package Style (TCJ-R) * **TCJ:** Refers to the physical housing dimensions and terminal layout. * **R:** Usually indicates **RoHS Compliance** (Lead-free) or a specific Reverse-polarity configuration. --- ## 3. Typical Applications These parts are not found in consumer electronics but are critical in industrial infrastructure: 1. **Motor Drives (VFDs):** Used to control the speed of three-phase industrial motors. 2. **Uninterruptible Power Supplies (UPS):** Acts as the switching element to convert DC battery power to AC. 3. **Solar Inverters:** Converts DC energy from solar panels into grid-compatible AC. 4. **Welding Equipment:** Manages the high-current pulses required for arc welding. --- ## 4. Connection Diagram (General Logic) In a typical application, the electronic connections follow this logic: ```mermaid graph LR A[Input AC/DC] --> B[M7R12TCJ-R Module] B --> C[Gate Driver Circuit] B --> D[Output Load/Motor] C -.-> E[Microcontroller/PLC] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the M7R12TCJ-R?
    • ⤷ Is there a direct equivalent or substitute for this module from another manufacturer?
    • ⤷ What is the recommended gate drive voltage for the switching components in this series?