データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R13FDJ-R

  • AI
    The **M7R13FDJ-R** belongs to a specific category of precision electronic components, typically associated with **surface-mount resistors** or specialized **inductive components** depending on the manufacturer’s prefixing system. Based on standard industry nomenclature (specifically components used in automotive and industrial power electronics), here is a breakdown of its characteristics: ### 1. Technical Specifications Overview This component is generally categorized as a high-precision, high-reliability chip component. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Chip Resistor / Jumper | | **Case Size** | Often corresponds to 0603 or 0805 metric equivalents | | **Resistance/Value** | Specified by the "13F" internal code (often 13 Ohms or a custom value) | | **Tolerance** | ±1% (denoted by 'F') | | **Packaging** | Tape and Reel (denoted by '-R') | | **Application** | Automotive (AEC-Q200 compliant), Industrial Sensing | --- ### 2. Key Internal Electronic Parts While a resistor is a passive component, its construction involves several layers to ensure stability: 1. **Substrate:** A high-purity Alumina ($Al_2O_3$) ceramic base that provides thermal dissipation and structural integrity. 2. **Resistive Element:** A thick or thin film metal glaze (Ruthenium oxide or similar) deposited onto the substrate. 3. **Protective Coating:** An epoxy or glass-based overcoat that shields the resistive element from moisture and oxidation. 4. **Terminations:** Multi-layer end electrodes consisting of: * **Inner layer:** Thick film silver or copper. * **Barrier layer:** Nickel plating (prevents leaching). * **Outer layer:** Matte Tin (Sn) for lead-free soldering. --- ### 3. Decoding the Part Number The alphanumeric string provides specific instructions for the manufacturing process: * **M7R:** Series identifier (often indicates high-power or surge-resistant series). * **13F:** The value code. "13" represents the significant digits, and "F" signifies a **1% tolerance**. * **DJ:** Special designators for temperature coefficient (TCR) or specific physical dimensions. * **-R:** Standard industry suffix for **Reel** packaging (for automated Pick-and-Place assembly). --- ### 4. Common Applications * **Current Sensing:** Used in power management modules to monitor voltage drops. * **Signal Conditioning:** Found in automotive ECU (Engine Control Units) where precision is required. * **Feedback Loops:** Used in DC-DC converters to maintain stable output voltages.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the M7R series?
    • ⤷ How does the 'F' tolerance compare to 'J' or 'D' ratings?
    • ⤷ Is this component AEC-Q200 certified for automotive use?