データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R15FDJ-R

  • AI
    The **M7R15FDJ-R** is a specific part number typically associated with **Relays**, specifically within the automotive or power control categories. While part numbering can vary slightly by manufacturer (often associated with brands like Panasonic, Hongfa, or Omron in specific OEM contexts), this component generally functions as a high-current electromechanical switch. --- ### 1. General Specifications The following table outlines the typical technical characteristics found in components of this series: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Nominal Voltage** | 12V DC (standard for automotive/industrial) | | **Current Rating** | 15A to 20A (depending on ambient temp) | | **Coil Resistance** | ~100Ω to 200Ω | | **Terminal Type** | PCB Mount (Through-hole) or Plug-in | --- ### 2. Key Electronic Parts & Construction The M7R15FDJ-R consists of several internal electronic and mechanical elements: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized by a low-power control signal. 2. **Armature:** A moving lever that responds to the magnetic field to open or close the electrical contacts. 3. **Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)** or **Silver Nickel (AgNi)** to provide high conductivity and resistance to "welding" under high current loads. 4. **Return Spring:** Ensures the armature returns to its original position when the coil is de-energized. 5. **Damping/Protection (Optional):** Some models include an internal resistor or diode across the coil to suppress "back EMF" voltage spikes that could damage driving transistors. --- ### 3. Application Use Cases This specific component is designed for switching loads that are too heavy for microcontrollers to handle directly. * **Automotive Systems:** Power windows, central locking, fuel pumps, and wiper motors. * **Industrial Automation:** Activating solenoids, small motors, or heating elements. * **Consumer Electronics:** Power management in HVAC systems or large appliances. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as a combination of an inductor (coil) and a switch: ```text Control Circuit Load Circuit (Low Power 12V) (High Power 15A) | | [---(Coil)---] [---(Switch)---] | | GND Load ``` ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the M7R15FDJ-R?
    • ⤷ Can this relay be triggered by a 5V microcontroller like an Arduino?
    • ⤷ What are the common failure modes for this type of power relay?