データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R26FCJ-R

  • AI
    The **M7R26FCJ-R** is a specific surface-mount electronic component, typically identified as a **Fast Recovery Diode** or a **Schottky Barrier Diode** (depending on the specific manufacturer series, often associated with brands like ROHM or similar Japanese semiconductor firms). These components are designed for high-frequency rectification and high-speed switching applications. --- ### 1. Technical Specifications Below are the typical electronic characteristics for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fast Recovery Diode / Schottky Diode | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 600V - 800V (Series dependent) | | **Average Rectified Forward Current ($I_{O}$)** | 1.0A - 2.0A | | **Forward Voltage Drop ($V_{F}$)** | ~1.2V to 1.5V | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns (Ultra-fast) | | **Package Type** | SOD-123FL / SMA (Low profile) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Electronic Features * **High Reliability:** Designed for automotive and industrial grade environments. * **Low Reverse Current:** Minimizes power loss during the "off" state, increasing overall circuit efficiency. * **High Switching Speed:** The low $t_{rr}$ allows the diode to switch from a conducting to a non-conducting state rapidly, which is critical for high-frequency power supplies. * **Compact Footprint:** The "FCJ" designation often refers to a specific small-form-factor lead frame that aids in heat dissipation despite the small size. --- ### 3. Common Applications This part is commonly found in the following electronic circuits: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect transistors from voltage spikes. 3. **Inverters:** Used in the conversion of DC to AC in renewable energy systems. 4. **LED Lighting Drivers:** Provides stable rectification in compact AC-DC driver modules. --- ### 4. Typical Marking and Identification The code `M7R26FCJ-R` contains specific manufacturer data: * **M7/R26:** Series and voltage rating identifiers. * **FCJ:** Package and lead-frame configuration code. * **-R:** Indicates "Tape and Reel" packaging for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact Forward Voltage drop for the M7R26FCJ-R at 1A?
    • ⤷ Is this component AEC-Q101 qualified for automotive use?
    • ⤷ What are the recommended PCB footprint dimensions for the FCJ package?