データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R28TCJ-R

  • AI
    The **M7R28TCJ-R** belongs to a specific family of surface-mount components, typically identified as a **Transient Voltage Suppressor (TVS) Diode** or a high-performance **Schottky Rectifier**, depending on the specific manufacturer (often associated with brands like PANJIT or similar semiconductor firms). Based on the standard nomenclature for this part number, here is a detailed breakdown of its electronic characteristics: --- ### 1. General Specifications The device is designed for high-density circuit boards where space is limited but high reliability is required. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier / TVS | | **Package Type** | Case Style (e.g., SOD-123FL or SMA) | | **Forward Current ($I_F$)** | ~1.0A to 3.0A | | **Reverse Voltage ($V_{RRM}$)** | 20V - 40V (Standard for R28 series) | | **Mounting Type** | Surface Mount (SMD) | | **Polarity** | Cathode Band Indicated | --- ### 2. Key Electronic Features * **Low Forward Voltage Drop ($V_F$):** Designed to minimize power loss and improve efficiency in low-voltage rectification. * **High Surge Capacity:** Capable of handling brief spikes in current without thermal runaway. * **Fast Switching Speed:** Due to the Schottky barrier construction, it has negligible reverse recovery time, making it ideal for high-frequency applications. * **Guard Ring Construction:** Includes transient protection for internal circuitry to ensure long-term stability and protection against ESD (Electrostatic Discharge). --- ### 3. Application Areas The M7R28TCJ-R is commonly integrated into the following systems: 1. **DC-DC Converters:** Used as a freewheeling diode to manage inductive loads. 2. **Battery Protection:** Prevents reverse polarity damage in handheld electronics. 3. **AC-DC Adapters:** Acts as a secondary side rectifier for low-voltage outputs. 4. **Signal Conditioning:** Used in clamping circuits to protect sensitive IC inputs from overvoltage. --- ### 4. Technical Footprint When designing a PCB for this part, ensure the following constraints are met: ```markdown - Recommended Pad Layout: Consult datasheet for specific SOD/SMA dimensions. - Thermal Management: Ensure sufficient copper area at the cathode lead to dissipate heat. - Soldering: Compatible with lead-free (RoHS) reflow profiles. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact package dimensions for the M7R28TCJ-R?
    • ⤷ How does its forward voltage drop compare to a standard silicon diode?
    • ⤷ Can this part be used in automotive-grade applications?