データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R41FCJ-R

  • AI
    The **M7R41FCJ-R** is a specific technical part number, primarily associated with high-performance cooling fans (typically manufactured by companies like **Nidec** or similar industrial suppliers) used in server infrastructure and enterprise computing. --- ### 1. Component Overview This component is an **axial cooling fan**, specifically designed for high-density environments like blade servers, networking switches, and telecommunications equipment. The suffix and prefix codes denote physical dimensions, bearing types, and control signals. ### 2. Technical Specifications The following table outlines the typical specifications for this class of electronic part: | Feature | Specification | | :--- | :--- | | **Component Type** | DC Axial Fan | | **Voltage** | 12V DC (Typical) | | **Control Interface** | 4-Wire (PWM & Tachometer) | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Housing Material** | Thermoplastic (UL 94V-0 rated) | | **Common Application** | Server Chassis / HP ProLiant series | --- ### 3. Key Electronic Sub-Systems The "electronic" aspect of the M7R41FCJ-R involves several integrated circuits and components within the motor hub: #### A. PWM Speed Control The 4-wire interface allows the server's motherboard to send a **Pulse Width Modulation (PWM)** signal. This enables the system to adjust the fan speed dynamically based on thermal sensors, reducing noise and power consumption when the load is low. #### B. Frequency Generator (Tachometer) One of the internal circuits outputs a square wave signal (Tach) to the system. This allows the BIOS/Firmware to monitor the actual RPM. If the fan stalls or fails, the electronic controller triggers a "Fan Fail" alert. #### C. Commutation Circuitry Since this is a **Brushless DC (BLDC)** motor, it contains internal Hall-effect sensors and transistors to switch the electromagnetic poles. This replaces mechanical brushes, significantly increasing the lifespan of the part. #### D. Protection Features * **Locked Rotor Protection:** Automatically cuts power to the coils if the blades are obstructed to prevent a fire hazard. * **Polarity Protection:** Prevents damage if the positive and negative leads are accidentally reversed during installation. --- ### 4. Pinout Configuration (Standard 4-Wire) 1. **Black:** Ground (GND) 2. **Red:** Power (+12V) 3. **Yellow/White:** Tachometer (Speed Signal) 4. **Blue:** PWM (Speed Control Input)
    ✨ Follow-up Questions
    • ⤷ What is the Mean Time Between Failures (MTBF) for this specific fan model?
    • ⤷ How do I troubleshoot a 'Fan 1 Failure' error in a server using this part?
    • ⤷ Can this fan be used in a standard 3-pin desktop motherboard?