データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R48FCJ-R

  • AI
    The **M7R48FCJ-R** is a specific electronic assembly, primarily identified as a high-performance **LCD Control Board** (also known as an A/D board or Scaler board). It is frequently used in industrial displays, medical monitors, and professional-grade imaging equipment. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | LCD Controller / Scaler Board | | **Max Resolution** | Typically up to 1920 x 1200 (WUXGA) | | **Input Interfaces** | DVI-D, VGA (Analog RGB), DisplayPort (optional) | | **Output Interface** | LVDS (Low-Voltage Differential Signaling) | | **Power Input** | 12V DC | | **OSD Support** | On-Screen Display for brightness, contrast, and color tuning | --- ### 2. Main Electronic Components The board is composed of several critical subsystems that work together to translate video signals into images: #### A. Scaler IC (The Brain) The heart of the board is a sophisticated Integrated Circuit (IC) that performs **image scaling**. If the input signal (e.g., 1024x768) does not match the native resolution of the LCD panel (e.g., 1920x1080), this chip calculates the pixel interpolation to fit the screen. #### B. LVDS Transmitter This component converts the processed CMOS/TTL data from the scaler into high-speed differential signals. This allows the video data to travel through the ribbon cable to the LCD panel with minimal electromagnetic interference (EMI). #### C. Power Management Circuitry * **Buck Converters:** Step down the 12V input to lower voltages like 5V, 3.3V, and 1.8V required by various chips. * **Inverter/LED Driver Connector:** Provides the enable signal and PWM (Pulse Width Modulation) dimming control to the backlight unit. #### D. EEPROM & Flash Memory * **Firmware Flash:** Stores the software that controls the board's logic and OSD menu. * **EDID EEPROM:** Contains the "Extended Display Identification Data" which tells the connected computer what resolutions the monitor can support. --- ### 3. Connection Ports & Interfacing 1. **Video Input:** Standard connectors for receiving signals from a PC or media player. 2. **Panel Interface:** Usually a 30-pin or 40-pin header for the LVDS cable. 3. **OSD Keypad Header:** A small connector to link the physical buttons (Power, Menu, Up/Down). 4. **Backlight Control:** A 6-pin or similar header to connect to the LED driver or CCFL inverter. --- ### 4. Common Applications * **Industrial Terminals:** Used in factories where high durability and specific resolution support are needed. * **Medical Imaging:** High-fidelity color reproduction for diagnostic displays. * **Kiosks:** Self-service machines requiring stable, long-term 24/7 operation.
    ✨ Follow-up Questions
    • ⤷ What are the compatible LCD panels for the M7R48FCJ-R board?
    • ⤷ How do I troubleshoot a 'No Signal' error on this specific controller?
    • ⤷ Where can I download the firmware or data sheet for this part?