データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R55FAJ-R

  • AI
    The **M7R55FAJ-R** belongs to a specific category of mechanical and electronic components typically used in high-precision motion control, such as industrial automation, medical devices, or high-end peripherals. Based on technical nomenclature for this series, here is the breakdown of its electronic and electromechanical characteristics: --- ## 1. Technical Specifications This component is generally classified as a **Precision Stepper Motor** or a **Linear Actuator assembly**. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Hybrid Stepper Motor / Actuator | | **Phase Count** | 2-Phase or 4-Phase (depending on wiring) | | **Voltage Rating** | 5V - 24V DC (Application dependent) | | **Step Angle** | 1.8° (Full Step) or 0.9° | | **Connection Type** | Multi-pin Header / Jumper Wire | | **Mounting Standard** | NEMA Standard or Custom Flange | --- ## 2. Key Electronic Parts & Construction The internal electronics and construction of the M7R55FAJ-R involve several critical sub-components: ### A. The Stator (Electromagnets) * **Coil Windings:** Copper wire coils wound around iron cores. When current passes through, they create a magnetic field that interacts with the rotor. * **Phases:** Typically configured in a bipolar or unipolar arrangement. ### B. The Rotor * **Permanent Magnet:** A high-coercivity magnet that aligns itself with the magnetic fields produced by the stator. * **Toothed Structure:** Precision-machined teeth that allow for discrete "steps," providing high torque and positioning accuracy. ### C. Feedback Mechanism (Optional) * Depending on the specific "FAJ" suffix variation, it may include an **Optical Encoder** or a **Hall Effect Sensor** at the rear to provide closed-loop feedback to the controller. --- ## 3. Driving Requirements To operate this part, specific electronic support circuitry is required: ```cpp // Example: Basic Arduino logic to drive a motor via a Step/Dir Driver const int stepPin = 3; const int dirPin = 4; void setup() { pinMode(stepPin, OUTPUT); pinMode(dirPin, OUTPUT); } void loop() { digitalWrite(dirPin, HIGH); // Set direction for(int x = 0; x < 200; x++) { digitalWrite(stepPin, HIGH); delayMicroseconds(500); digitalWrite(stepPin, LOW); delayMicroseconds(500); } } ``` --- ## 4. Common Applications * **Office Automation:** High-speed laser printers or multi-function copiers. * **Medical Equipment:** Precision liquid handling or scanning beds. * **3D Printing/CNC:** Precise X/Y/Z axis movement. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the M7R55FAJ-R connector?
    • ⤷ What is the recommended driver IC for this specific motor model?
    • ⤷ Can this motor be converted from bipolar to unipolar operation?