データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R61TCJ-R

  • AI
    The **M7R61TCJ-R** is a specific technical part number, primarily associated with **Industrial HMI (Human Machine Interface)** replacement parts, specifically for **Mitsubishi Electric** or compatible industrial displays (often linked to the GOT series). Below is the technical breakdown of the electronic components and specifications typical for this part. --- ### 1. General Specifications The part is characterized as a logic board or an LCD interface controller component. | Attribute | Specification | | :--- | :--- | | **Component Type** | Industrial LCD Control Board / Interface Module | | **Primary Application** | Industrial Automation (HMI) | | **Voltage Input** | Typically 5V or 12V DC (Internal logic levels) | | **Connector Type** | High-density ribbon cable interface / LVDS | | **Operating Temp** | -10°C to +60°C (Standard industrial grade) | --- ### 2. Key Electronic Components The board consists of several critical stages of electronic circuitry: #### A. Signal Processing (IC) * **The Controller:** Features a dedicated ASIC or FPGA programmed to translate incoming industrial data protocols into graphical signals for the LCD. * **Timing Controller (T-CON):** Manages the synchronization of horizontal and vertical scanning of the pixels. #### B. Power Management Section * **DC-DC Converters:** Small surface-mount (SMD) inductors and capacitors that step down the input voltage to the precise levels required by the logic chips (often 3.3V or 1.8V). * **Inverter/Backlight Driver:** If the display is an older CCFL type, this board may contain a high-voltage transformer; for LED displays, it contains a constant current LED driver. #### C. Connectivity * **FPC/FFC Connectors:** These are the flat plastic slots where ribbon cables from the main PLC processor connect. * **Termination Resistors:** Used to prevent signal reflection across long communication lines in industrial environments. --- ### 3. Usage Context (Mitsubishi HMI) This part is most frequently identified as a replacement component for the **Mitsubishi GOT1000 or GOT2000** series displays. * **Repair Note:** If you are troubleshooting this part, common failure points include the electrolytic capacitors (leakage) or the backlight driver circuit. * **Compatibility:** Ensure the revision suffix (the "-R" in M7R61TCJ-R) matches, as different revisions may have different pinouts for the touch-panel sensors. --- ### 4. Technical Pinout (General Layout) While the exact pinout is proprietary, the interface typically follows this structure: ```cpp // General Signal Mapping for M7R-style Boards 1. VCC (+5V Power) 2. GND (Ground) 3. RXIN0- / RXIN0+ (Differential Data Pair 0) 4. RXIN1- / RXIN1+ (Differential Data Pair 1) 5. RXIN2- / RXIN2+ (Differential Data Pair 2) 6. CLK- / CLK+ (Clock Differential Pair) 7. BL_EN (Backlight Enable Signal) ``` ---
    ✨ Follow-up Questions
    • ⤷Is the M7R61TCJ-R compatible with LED or CCFL backlight systems?
    • ⤷ What are the common failure symptoms for this specific HMI board?
    • ⤷ Where can I find a pinout diagram for the M7R61 series interface?