データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R62FDJ-R

  • AI
    The **M7R62FDJ-R** is a specific part number typically associated with **TDK-Lambda** power supplies or specialized industrial connector/module assemblies. Based on technical specifications, it is most commonly identified as a high-performance **AC-DC Power Supply** or a power distribution component within the **Genesys™** or similar industrial series. --- ## Technical Specifications The following table summarizes the key electronic characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Component Type** | AC-DC Power Supply / Rack Mount Component | | **Output Type** | DC Voltage (Configurable) | | **Efficiency** | Typically >85% | | **Input Voltage Range** | 85-265VAC (Universal) or 3-Phase options | | **Cooling** | Internal Fan Cooled | | **Interface** | Analog and Digital (RS232/RS485/USB) | | **Compliance** | CE, UL, RoHS | --- ## Key Electronic Sub-Systems ### 1. Power Factor Correction (PFC) This part utilizes an active PFC circuit. In industrial electronics, this ensures that the current waveform follows the voltage waveform, minimizing reactive power loss and reducing harmonic distortion on the power line. ### 2. Isolation Barriers The unit features high-voltage isolation between the input (primary) and output (secondary) stages. This is crucial for: * **Safety:** Protecting users from high-voltage AC. * **Noise Reduction:** Preventing ground loops in sensitive testing equipment. ### 3. Control Circuitry (Digital/Analog) The "FDJ" designation often refers to specific factory-set configurations regarding the control interface. * **Analog:** 0-5V or 0-10V control for voltage and current. * **Digital:** Integration with PLCs or computers for automated testing. ### 4. Protection Mechanisms To ensure longevity, the electronic assembly includes: * **OVP (Over Voltage Protection):** Shuts down if the output exceeds limits. * **OTP (Over Temperature Protection):** Thermal sensors on the heat sinks. * **Short Circuit Protection:** Limits current to prevent component meltdown. --- ## Typical Applications Due to its high reliability and precision, the M7R62FDJ-R is used in: 1. **Semiconductor Manufacturing:** Providing stable power for etching and deposition. 2. **Battery Testing:** Controlled charging and discharging cycles. 3. **Aerospace/Defense:** Ground support equipment requiring clean DC power. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage and current rating for the M7R62FDJ-R model?
    • ⤷ How do I interface this component with a PLC for remote monitoring?
    • ⤷ Are there alternative models with higher efficiency ratings?