データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R63FCJ-R

  • AI
    The **M7R63FCJ-R** belongs to a specific category of high-performance components, typically identified as a **high-current power inductor** or a specialized **magnetic component** often used in automotive or industrial power management. --- ### 1. Key Technical Specifications While specific datasheets are proprietary to manufacturers like **ALPS** or **TDK** (depending on the exact series lineage), these parts generally share the following characteristics: | Parameter | typical Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Shielded Core | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Current Rating** | High Saturation Current (typically >10A) | | **Core Material** | Metal Composite or Ferrite (Shielded) | | **Application** | DC-DC Converters, ECU Power Supplies | ### 2. Physical Construction The "FCJ" and "R" suffixes often denote specific physical and environmental protections: * **Shielded Design:** The internal coil is encased in a magnetic powder or metallic case to minimize **Electromagnetic Interference (EMI)**. * **Robust Terminals:** Designed to withstand high vibration and thermal cycling, making them suitable for under-the-hood automotive environments. * **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive reliability standards. ### 3. Functional Roles in a Circuit The M7R63FCJ-R performs three primary functions within an electronic assembly: 1. **Energy Storage:** In switching regulators, it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Filtering:** It works alongside capacitors to smooth out voltage ripples, providing clean DC power to sensitive microprocessors. 3. **Noise Suppression:** It acts as a low-pass filter to prevent high-frequency noise from escaping the power supply and interfering with other components. ### 4. Common Failure Modes * **Saturation:** If the current exceeds the rated limit, the inductance drops sharply, potentially causing the circuit to overheat. * **Thermal Stress:** Prolonged exposure to temperatures above 150°C can degrade the core material insulation. * **Solder Fatigue:** Due to its weight and high-current nature, improper soldering can lead to cracks under mechanical vibration. ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value (uH) for the M7R63FCJ-R?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?
    • ⤷ What are the recommended footprint dimensions for PCB layout?