データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R64FCJ-R

  • AI
    The **M7R64FCJ-R** is a specific part number belonging to a high-performance **Synchronous DRAM (SDRAM)** module, typically used in industrial, networking, or legacy computing equipment. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications This part is a **144-pin Small Outline Dual In-line Memory Module (SO-DIMM)**. | Feature | Specification | | :--- | :--- | | **Memory Type** | SDRAM (Synchronous Dynamic RAM) | | **Capacity** | 64 Megabytes (MB) | | **Form Factor** | 144-pin SO-DIMM | | **Data Rate** | PC100 or PC133 (depending on specific clocking) | | **Voltage** | 3.3V (Typical) | | **Organization** | 8M x 64 | | **Refresh** | 4K Cycles | --- ## 2. Key Electronic Components ### A. Memory Chips (ICs) The module consists of multiple integrated circuits (usually 4 to 8 chips) soldered onto a PCB. These chips handle the actual data storage using a **Capacitor-Transistor** cell structure. * **Logical Bank Structure:** Typically organized into 4 internal banks to allow interleaved data access, reducing latency. * **Interface:** LVTTL (Low Voltage TTL) compatible inputs and outputs. ### B. Serial Presence Detect (SPD) The board includes a small **EEPROM** (Electrically Erasable Programmable Read-Only Memory) chip. * **Function:** It stores the module's speed, timing (CAS latency), and density information. * **Communication:** The system BIOS reads this via the **I2C/SMBus** protocol to automatically configure the memory controller. ### C. Decoupling Capacitors Small Surface Mount Device (SMD) capacitors are placed near each memory IC. * **Function:** They filter high-frequency noise and provide local energy storage to handle sudden current spikes during switching, ensuring signal integrity. --- ## 3. Signal and Pin Interface The 144-pin interface is divided into several functional groups: 1. **Address Lines (A0-A11):** Used to select specific rows and columns within the memory array. 2. **Data Lines (DQ0-DQ63):** The 64-bit wide path for reading and writing data. 3. **Control Signals:** * **CLK (Clock):** Synchronizes all operations. * **/CAS (Column Address Strobe):** Latches the column address. * **/RAS (Row Address Strobe):** Latches the row address. * **/WE (Write Enable):** Determines if the operation is a Read or Write. 4. **DQM (Data Mask):** Allows the system to mask specific bytes during a write operation. --- ## 4. Usage Environment Because this is an older SDRAM technology, it is commonly found in: * **Legacy Industrial PCs:** Controllers for manufacturing lines. * **Networking Gear:** Older Cisco routers or switches. * **Embedded Systems:** Single-board computers requiring highly stable, low-density memory.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for a 144-pin SO-DIMM?
    • ⤷ How does PC100 SDRAM differ from PC133 in terms of timing?
    • ⤷ Can this module be replaced with a DDR1 or DDR2 SO-DIMM?