データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R65TCJ-R

  • AI
    The **M7R65TCJ-R** refers to a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor), typically utilized in automotive and industrial power conversion applications. It is designed to handle high voltages and currents with high efficiency. --- ### 1. Technical Specifications The following table outlines the typical electrical characteristics for this class of component: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650V | | **Continuous Drain Current** | $I_D$ | ~40A - 70A (Depending on cooling) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~40m$\Omega$ - 60m$\Omega$ | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$30V | | **Total Gate Charge** | $Q_g$ | Low (Optimized for switching) | | **Package Type** | Package | TO-247 or similar high-power package | --- ### 2. Key Features * **Superjunction Technology:** It utilizes a multi-epi or deep trench process to reduce $R_{DS(on)}$ significantly compared to standard planar MOSFETs, leading to lower conduction losses. * **Fast Switching:** Optimized gate charge ($Q_g$) allows the device to turn on and off rapidly, which is essential for high-frequency power supplies. * **AEC-Q101 Compliance:** The "R" suffix and specific numbering often indicate automotive-grade qualification, meaning it can withstand harsh vibrations and temperature cycles. * **Low Parasitic Capacitance:** Helps in reducing Electromagnetic Interference (EMI) during high-speed switching transitions. --- ### 3. Pin Configuration The device follows the standard three-terminal power transistor layout: 1. **Gate (G):** The control terminal used to turn the MOSFET on and off. 2. **Drain (D):** The terminal where current enters (connected to the load). 3. **Source (S):** The terminal where current exits (connected to ground or negative rail). --- ### 4. Common Applications Due to its high voltage rating and low resistance, the M7R65TCJ-R is found in: * **EV On-Board Chargers (OBC):** Converting AC from the grid to DC for the car battery. * **DC-DC Converters:** Stepping down high-voltage battery power for 12V electronics. * **Solar Inverters:** Converting DC power from solar panels into AC for the grid. * **Server Power Supplies:** High-efficiency AC-DC power units for data centers.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a MOSFET with these power ratings?
    • ⤷ How does 'Superjunction' technology differ from standard Planar MOSFETs?
    • ⤷ What is the specific manufacturer for the M7R65TCJ-R series?